Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 47 Page - Texas Instruments

Part # TAS5548
Description  TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5548 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 43Page - Texas Instruments TAS5548 Datasheet HTML 44Page - Texas Instruments TAS5548 Datasheet HTML 45Page - Texas Instruments TAS5548 Datasheet HTML 46Page - Texas Instruments TAS5548 Datasheet HTML 47Page - Texas Instruments TAS5548 Datasheet HTML 48Page - Texas Instruments TAS5548 Datasheet HTML 49Page - Texas Instruments TAS5548 Datasheet HTML 50Page - Texas Instruments TAS5548 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 118 page
background image
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
Table 13. Audio System Configuration (General Control Register 0xE0)
Audio System
D31–D4
D3
D2
D1
D0
6 channels or 5.1 not using PSVC
0
0
0
1
X
6 channels using PSVC
0
0
1
1
X
5.1 system using PSVC
0
0
1
1
X
8 channels or 7.1 not using PSVC (default)
0
0
0
0
X
8 channels using PSVC
0
0
1
0
X
7.1 system using PSVC
0
0
1
0
X
7.4.21.3.1
Using Line Outputs in 6-Channel Configurations
The audio system can be configured for a 6-channel configuration (with 2 lineouts) by writing a 1 to bit D1 of
register 0xE0 (general control register). In this configuration, channel-5 and -6 processing are exactly the same
as the other channels, except that the master volume and the loudness function have no effect on the signal.
Note that in 6-channel configuration, channels 5 and 6 are unaffected by back-end error (BKND_ERR goes low).
To use channels 5 and 6 as unprocessed lineouts, the following setup is recommended:
•
Channel-5 volume and channel-6 volume should be set for a constant output, such as 0 dB.
•
Bass and treble for channels 5 and 6 can be used if desired.
•
DRC1 should be bypassed for channels 5 and 6.
•
If a downmix is desired on channels 5 and 6 as lineout, the downmixing can be performed using the channel-
5 and channel-6 input mixers.
•
The operation of the channel-5 and -6 biquads is unaffected by the 6-/8-channel configuration setting.
7.4.21.4 Recovery from Clock Error
The TAS5548 can be set either to perform a volume ramp up during the recovery sequence of a clock error or
simply to come up in the last state (or desired state if a volume or tone update was in progress). This feature is
enabled via I2C system control register 0x03.
7.4.21.5 Power-Supply Volume-Control Enable
The power-supply volume control (PSVC) can be enabled and disabled via I2C register 0xE0. The subwoofer
PWM output is always controlled by the PSVC. When using PSVC the subwoofer cannot be used as lineout.
7.4.21.6 Volume and Mute Update Rate
The TAS5548 has fixed soft volume and mute ramp durations. The ramps are linear. The soft volume and mute
ramp rates are adjustable by programming the I2C register 0xD0 for the appropriate number of steps to be 512,
1024, or 2048. The update is performed at a fixed rate regardless of the sample rate.
•
In normal speed, the update rate is 1 step every 4/fS seconds.
•
In double speed, the update is 1 step every 8/fS seconds.
•
In quad speed, the update is 1 step every 16/fS seconds.
Because of processor loading, the update rate can increase for some increments by one step every 1/fS to 3/fS.
However, the variance of the total time to go from 18 dB to mute is less than 25%.
Table 14. Volume Ramp Periods in ms
SAMPLE RATE (kHz)
NUMBER OF STEPS
44.1, 88.2, 176.4
32, 48, 96, 192
512
46.44
42.67
1024
92.88
85.33
2048
185.76
170.67
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com