Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 41 Page - Texas Instruments

Part # TAS5548
Description  TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5548 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 37Page - Texas Instruments TAS5548 Datasheet HTML 38Page - Texas Instruments TAS5548 Datasheet HTML 39Page - Texas Instruments TAS5548 Datasheet HTML 40Page - Texas Instruments TAS5548 Datasheet HTML 41Page - Texas Instruments TAS5548 Datasheet HTML 42Page - Texas Instruments TAS5548 Datasheet HTML 43Page - Texas Instruments TAS5548 Datasheet HTML 44Page - Texas Instruments TAS5548 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 118 page
background image
O1
No Discontinuity
|T1
T2|
k1
O2 For ( |T1|
|T2| )
=
–
×
+
≥
ta
1
f
S n(1
aa)
t
d
1
f
S n(1
ad)
=
–
l
–
=
–
–
l
t
window
1
f
S n(1
ae)
=
–
–
l
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
made. For the DRC block shared by Ch1 and Ch2, the programmable parameters apply to both rms
estimators. The time window over which the rms estimation is computed can be determined by:
A.
Care should be taken when calculating the time window for 192kHz content. Please use 96kHz as the
sampling frequency for 96kHz AND 192kHz, as the TAS5548 uses a digital decimator to do all DAP processing
at 96kHz.
B.
ae = energy time
(1)
•
Compression/expansion coefficient computation—This DRC element converts the output of the rms estimator
to a logarithmic number, determines the region where the input resides, and then computes and outputs the
appropriate coefficient to the attack/decay element. Seven programmable parameters, T1, T2, O1, O2, k0, k1,
and k2, define the three compression/expansion regions implemented by this element.
•
Attack/decay control—This DRC element controls the transition time of changes in the coefficient computed in
the compression/expansion coefficient computation element. Four programmable parameters define the
operation of this element. Parameters ad and (1 – ad) set the decay or release time constant to be used for
volume boost (expansion). Parameters aa and (1 – aa) set the attack time constant to be used for volume
cuts. The transition time constants can be determined by:
C.
aa = attack time
D.
ad - decay time
(2)
7.4.16.2 Compression/Expansion Coefficient Computation Engine Parameters
Seven programmable parameters are assigned to each DRC block: two threshold parameters—T1 and T2, two
offset parameters—O1 and O2, and three slope parameters—k0, k1, and k2. The threshold parameters establish
the three regions of the DRC transfer curve, the offsets anchor the transfer curve by establishing known gain
settings at the threshold levels, and the slope parameters define whether a given region is a compression or an
expansion region.
T2 establishes the boundary between the high-volume region and the mid-volume region. T1 establishes the
boundary between the mid-volume region and the low-volume region. Both thresholds are set in logarithmic
space, and which region is active for any given rms estimator output sample is determined by the logarithmic
value of the sample.
Threshold T2 serves as the fulcrum or pivot point in the DRC transfer function. O2 defines the boost (> 0 dB) or
cut (< 0 dB) implemented by the DRC-derived gain coefficient for an rms input level of T2. If O2 = 0 dB, the value
of the derived gain coefficient is 1 (0x0080 0000 in 5.23 format). k2 is the slope of the DRC transfer function for
rms input levels above T2, and k1 is the slope of the DRC transfer function for rms input levels below T2 (and
above T1). The labeling of T2 as the fulcrum stems from the fact that there cannot be a discontinuity in the
transfer function at T2. The user can, however, set the DRC parameters to realize a discontinuity in the transfer
function at the boundary defined by T1. If no discontinuity is desired at T1, the value for the offset term O1 must
obey the following equation.
(3)
T1 and T2 are the threshold settings in dB, k1 is the slope for region 1, and O2 is the offset in dB at T2. If the
user chooses to select a value of O1 that does not obey the above equation, a ×discontinuity at T1 is realized.
Decreasing in volume from T2, the slope k1 remains in effect until the input level T1 is reached. If, at this input
level, the offset of the transfer function curve from the 1 : 1 transfer curve does not equal O1, there is a
discontinuity at this input level as the transfer function is snapped to the offset called for by O1. If no discontinuity
is wanted, O1 and/or k1 must be adjusted so that the value of the transfer curve at input level T1 is offset from
the 1 : 1 transfer curve by the value O1. The examples that follow illustrate both continuous and discontinuous
transfer curves at T1.
Decreasing in volume from T1, starting at offset level O1, slope k0 defines the compression/expansion activity in
the lower region of the DRC transfer curve.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com