Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 32 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 32 Page - Micronas

Back Button MSP3400C Datasheet HTML 28Page - Micronas MSP3400C Datasheet HTML 29Page - Micronas MSP3400C Datasheet HTML 30Page - Micronas MSP3400C Datasheet HTML 31Page - Micronas MSP3400C Datasheet HTML 32Page - Micronas MSP3400C Datasheet HTML 33Page - Micronas MSP3400C Datasheet HTML 34Page - Micronas MSP3400C Datasheet HTML 35Page - Micronas MSP3400C Datasheet HTML 36Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
PRELIMINARY DATA SHEET
MSP 3400C
MICRONAS INTERMETALL
32
7.1.2. Balance
Loudspeaker
and
Headphone
Channel
Positive balance settings reduce the left channel without
affecting the right channel; negative settings reduce the
right channel leaving the left channel unaffected. In lin-
ear mode, a step by 1 LSB decreases or increases the
balance by about 0.8% (exact figure: 100/127). In loga-
rithmic mode, a step by 1 LSB decreases or increases
the balance by 1 dB.
Balance Mode
loudspeaker
0001hex
LSB
Balance Mode
headphone
0030hex
LSB
linear
xxx0
0hex
RESET
logarithmic
xxx1
1hex
Linear Mode
Balance loudspeaker
channel [L/R]
0001hex
H
Balance headphone
channel [L/R]
0030hex
H
Left muted, Right 100%
0111 1111
7Fhex
Left 0.8%, Right 100%
0111 1110
7Ehex
Left 99.2%, Right 100%
0000 0001
01hex
Left 100%, Right 100%
0000 0000
00hex
RESET
Left 100%, Right 99.2%
1111 1111
FFhex
Left 100%, Right 0.8%
1000 0010
82hex
Left 100%, Right muted
1000 0001
81hex
Logarithmic Mode
Balance loudspeaker
channel [L/R]
0001hex
H
Balance headphone
channel [L/R]
0030hex
H
Left –127 dB, Right 0 dB
0111 1111
7Fhex
Left –126 dB, Right 0 dB
0111 1110
7Ehex
Left –1 dB, Right 0 dB
0000 0001
01hex
Left 0 dB, Right 0 dB
0000 0000
00hex
RESET
Left 0 dB, Right –1 dB
1111 1111
FFhex
Left 0 dB, Right –127 dB
1000 0001
81hex
Left 0 dB, Right –128 dB
1000 0000
80hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com