Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 34 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 34 Page - Micronas

Back Button MSP3400C Datasheet HTML 30Page - Micronas MSP3400C Datasheet HTML 31Page - Micronas MSP3400C Datasheet HTML 32Page - Micronas MSP3400C Datasheet HTML 33Page - Micronas MSP3400C Datasheet HTML 34Page - Micronas MSP3400C Datasheet HTML 35Page - Micronas MSP3400C Datasheet HTML 36Page - Micronas MSP3400C Datasheet HTML 37Page - Micronas MSP3400C Datasheet HTML 38Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
PRELIMINARY DATA SHEET
MSP 3400C
MICRONAS INTERMETALL
34
7.1.5. Loudness
Loudspeaker
and
Headphone
Channel
Loudness
loudspeaker
0004hex
H
Loudness
headphone
0033hex
H
+17 dB
0100 0100
44hex
+16 dB
0100 0000
40hex
+1 dB
0000 0100
04hex
0 dB
0000 0000
00hex
RESET
Mode Loudness
loudspeaker
0004hex
L
Mode Loudness
headphone
0033hex
L
Normal (constant
volume at 1 kHz)
0000 0000
00hex
RESET
Super Bass (constant
volume at 2 kHz)
0000 0100
04hex
Loudness increases the volume of low and high frequen-
cy signals, while keeping the amplitude of the 1 kHz ref-
erence frequency constant. The intended loudness has
to be set according to the actual volume setting. Be-
cause loudness introduces gain, it is not recommended
to set loudness to a value that ,in conjunction with vol-
ume, would result in an overall positive gain.
By means of ‘Mode Loudness’, the corner frequency for
bass amplification can be set to two different values. In
Super Bass mode, the corner frequency is shifted up.
The point of constant volume is shifted from 1 kHz to
2 kHz.
7.1.6. Spatial Effects Loudspeaker Channel
Spatial effect strength
loudspeaker channel
0005hex
H
Enlargement 100%
0111 1111
7Fhex
Enlargement 50%
0011 1111
3Fhex
Enlargement 1.5%
0000 0001
01hex
Effect off
0000 0000
00hex
RESET
Reduction 1.5%
1111 1111
FFhex
Reduction 50%
1100 0000
C0hex
Reduction 100%
1000 0000
80hex
Spatial Effect Mode
0005hex
[7:4]
Stereo Basewidth En-
largement (SBE) and
Pseudo Stereo Effect
(PSE). (Mode A)
0000
0hex
RESET
0000
0hex
Stereo Basewidth En-
largement (SBE) only.
(Mode B)
0010
2hex
Spatial Effect Cus-
tomize Coefficient
0005hex
[3:0]
max high pass gain
0000
0hex
RESET
2/3 high pass gain
0010
2hex
1/3 high pass gain
0100
4hex
min high pass gain
0110
6hex
automatic
1000
8hex
There are several spatial effect modes available:
Mode A (low byte = 00hex) is compatible to the formerly
used spatial effect. Here, the kind of spatial effect de-
pends on the source mode. If the incoming signal is in
mono mode, Pseudo Stereo Effect is active; for stereo
signals, Pseudo Stereo Effect and Stereo Basewidth
Enlargement is effective. The strength of the effect is
controllable by the upper byte. A negative value reduces
the stereo image. A rather strong spatial effect is recom-
mended for small TV sets where loudspeaker spacing is
rather close. For large screen TV sets, a more moderate
spatial effect is recommended. In mode A, even in case
of stereo input signals, Pseudo Stereo Effect is active,
which reduces the center image.
In Mode B, only Stereo Basewidth Enlargement is effec-
tive. For mono input signals, the Pseudo Stereo Effect
has to be switched on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com