Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 16 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 16 Page - Micronas

Back Button MSP3400C Datasheet HTML 12Page - Micronas MSP3400C Datasheet HTML 13Page - Micronas MSP3400C Datasheet HTML 14Page - Micronas MSP3400C Datasheet HTML 15Page - Micronas MSP3400C Datasheet HTML 16Page - Micronas MSP3400C Datasheet HTML 17Page - Micronas MSP3400C Datasheet HTML 18Page - Micronas MSP3400C Datasheet HTML 19Page - Micronas MSP3400C Datasheet HTML 20Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
PRELIMINARY DATA SHEET
MSP 3400C
MICRONAS INTERMETALL
16
5. I2C Bus Interface: Device and Subaddresses
As a slave receiver, the MSP 3400C can be controlled
via I2C bus. Access to internal memory locations is
achieved by subaddressing. The demodulator part and
the audio processor part (DFP) have two separate sub-
addressing register banks.
In order to allow for more MSP 3400C ICs to be con-
nected to the control bus, an ADR_SEL pin has been im-
plemented. With ADR_SEL pulled to high, the MSP
3400C responds to changed device addresses, thus two
identical devices can be selected. Other devices of the
same family will have different subaddresses (e.g. 34x0)
By means of the RESET bit in the CONTROL register,
all devices with the same device address are reset.
The IC is selected by asserting a special device address
in the address part of an I2C transmission. A device ad-
dress pair is defined as a write address (80 hex or 84
hex) and a read address (81 hex or 85 hex). Writing is
done by sending the device write address first, followed
by the subaddress byte, two address bytes, and two
data bytes. For reading, the read address has to be
transmitted first by sending the device write address (80
hex or 84 hex), followed by the subaddress byte, and two
address bytes. Without sending a stop condition, read-
ing of the addressed data is done by sending the device
read address (81 hex or 85 hex) and reading two bytes
of data. Refer to Fig. 5–1 I2C Bus Protocol and section
5.2. Proposal for MSP 3400C I2C Telegrams.
Due to the internal architecture of the MSP 3400C, the
IC cannot react immediately to an I2C request. The typi-
cal response time is about 0.3 ms. If the addressed pro-
cessor is not ready for further transmissions on the I2C
bus, the clock line I2C_CL is pulled low. This puts the
current transmission into a wait state. After a certain pe-
riod of time, the MSP 3400C releases the clock, and the
interrupted transmission is carried on.
The I2C Bus lines can be set tristate by switching the IC
into “Standby”-mode.
I2C-Bus error conditions:
In case of any internal error, the MSP’s wait-period is ex-
tended to 1.77 ms. Afterwards, the MSP does not ac-
knowledge (NAK) the device address. The data line will
be left HIGH by the MSP, and the clock line will be re-
leased. The master can then generate a STOP condition
to abort the transfer.
By means of NAK, the master is able to recognize the er-
ror state and to reset the IC via I2C-Bus. While transmit-
ting the reset protocol (section. 5.2.4.) to ‘CONTROL’,
the master must ignore the not acknowledge bits (NAK)
of the MSP.
A detailed timing diagram is shown in Fig. 5–1 and
Fig. 5–2.
Table 5–1: I2C Bus Device Addresses
ADR_SEL
Low
High
Left Open
Mode
Write
Read
Write
Read
Write
Read
MSP device address
80 hex
81 hex
84 hex
85 hex
88 hex
89 hex
Table 5–2: I2C Bus Device and Subaddresses
Name
Binary Value
Hex Value
Function
CONTROL
0000 0000
00
software reset
TEST1
0000 0001
01
only for internal use
TEST2
0000 0010
02
only for internal use
WR_DEM
0001 0000
10
write address demodulator
RD_DEM
0001 0001
11
read address demodulator
WR_DFP
0001 0010
12
write address DFP
RD_DFP
0001 0011
13
read address DFP
AGC
0001 1110
1E
read AGC RMS
PLL_CAP
0001 1111
1F
read / write PLL_Cap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com