Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 59 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 59 Page - Micronas

Back Button MSP3400C Datasheet HTML 55Page - Micronas MSP3400C Datasheet HTML 56Page - Micronas MSP3400C Datasheet HTML 57Page - Micronas MSP3400C Datasheet HTML 58Page - Micronas MSP3400C Datasheet HTML 59Page - Micronas MSP3400C Datasheet HTML 60Page - Micronas MSP3400C Datasheet HTML 61Page - Micronas MSP3400C Datasheet HTML 62Page - Micronas MSP3400C Datasheet HTML 63Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
MSP 3400C
PRELIMINARY DATA SHEET
MICRONAS INTERMETALL
59
Test Conditions
Unit
Max.
Typ.
Min.
Pin Name
Parameter
Symbol
I2S Bus
VI2SOL
I2S Output Low Voltage
I2S_WS,
I2S CL
0.4
V
II2SOL = 1 mA
VI2SOH
I2S Output High Voltage
I2S_CL,
I2S_DA_OUT
4.0
V
II2SOH = –1 mA
fI2SCL
I2S-Clock Output Frequency
I2S_CL
1204
kHz
DVSUP = 5 V
fI2SWS
I2S-Wordstrobe Output Frequency
I2S_WS
32.0
kHz
DVSUP = 5 V
tI2S1/I2S2
I2S-Clock High/Low-Ratio
I2S_CL
0.9
1.0
1.1
tI2S3
I2S-Data Setup Time
before Rising Edge of Clock
I2S_CL,
I2S_DA_OUT
200
ns
DVSUP = 4.75 V
tI2S4
I2S-Data Hold Time after Falling
Edge of Clock
12
ns
DVSUP = 5.25 V
tI2S5
I2S-Wordstrobe Setup Time
before Rising Edge of Clock
I2S_CL,
I2S_WS
100
ns
DVSUP = 4.75 V
tI2S6
I2S-Wordstrobe Hold Time after
Falling Edge of Clock
50
ns
DVSUP = 5.25 V
Analog Ground
VAGNDC0
AGNDC Open Circuit Voltage
AGNDC
3.64
3.73
3.84
V
Rload ≥ 10 MΩ
RoutAGN
AGNDC Output Resistance
at Tj = 27 °C
from TA = 0 to 70 °C
70
70
125
180
180
k
Ω
k
Ω
3 V
≤ VAGNDC ≤ 4 V
Analog Input Resistance
RinSC
SCART Input Resistance
at Tj = 27 °C
from TA = 0 to 70 °C
SCn_IN_s1)
25
25
40
58
58
k
Ω
k
Ω
fsignal = 1 kHz,
I
≤ 0.05 mA
RinMONO
MONO Input Resistance
at Tj = 27 °C
from TA = 0 to 70 °C
MONO_IN
10
10
16
23
23
k
Ω
k
Ω
fsignal = 1 kHz,
I
≤ 0.1 mA
Audio Analog-to-Digital-Converter
VAICL
Analog Input Clipping Level for
Analog-to-Digital-Conversion
SCn_IN_s,1)
MONO_IN
2.02
2.12
2.22
VRMS
fsignal = 1 kHz
SCART Outputs
RoutSC
SCART Output Resistance
at Tj = 27 °C
from TA = 0 to 70 °C
SCn_OUT_s1)
0.20
0.20
0.33
0.46
0.5
k
Ω
k
Ω
fsignal = 1 kHz, I = 0.1 mA
dVOUTSC
Deviation of DC-Level at SCART
Output from AGNDC Voltage
–70
+70
mV
ASCtoSC
Gain from Analog Input to SCART
Output
SCn_IN_s1)
MONO_IN
→
–1.0
0
+0.5
dB
fsignal = 1kHz
frSCtoSC
Frequency Response from Analog
Input to SCART Output
bandwidth: 0 to 20000 Hz
→
SCn_OUT_s1)
–0.5
0
+0.5
dB
with respect to 1 kHz
VoutSC
Signal Level at SCART-Output
during full-scale digital input signal
from DSP
SCn_OUT_s1)
1.8
1.9
2.0
VRMS
fsignal = 1 kHz
1)
“n” means “1”, “2” or “3”,
“s” means “L” or “R”,
“p” means “M” or “A”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com