Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 7 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 7 Page - Micronas

Back Button MSP3400C Datasheet HTML 3Page - Micronas MSP3400C Datasheet HTML 4Page - Micronas MSP3400C Datasheet HTML 5Page - Micronas MSP3400C Datasheet HTML 6Page - Micronas MSP3400C Datasheet HTML 7Page - Micronas MSP3400C Datasheet HTML 8Page - Micronas MSP3400C Datasheet HTML 9Page - Micronas MSP3400C Datasheet HTML 10Page - Micronas MSP3400C Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
MSP 3400C
PRELIMINARY DATA SHEET
MICRONAS INTERMETALL
7
3. Application Fields of the MSP 3400C
The MSP 3400C processes TV sound according to the
German and Korean two carrier system and the com-
monly used satellite systems. In the following sections,
a brief overview on the German FM-Stereo system
shows what is required of a multistandard audio IC.
3.1. German 2-Carrier System (DUAL FM System)
Since September 1981, stereo and dual sound pro-
grams have been transmitted in Germany using the
2-carrier system. Sound transmission consists of the al-
ready existing first sound carrier and a second sound
carrier additionally containing an identification signal.
More details of this standard are given in Table 3–1.
Table 3–1: European TV standards
TV-System
Position of Sound
Carrier /MHz
Sound
Modulation
Color System
Country
B/G
5.5/5.7421875
FM-Stereo
PAL
Germany
B/G
5.5/5.85
FM-Mono/NICAM
PAL
Scandinavia,Spain
L
6.5/5.85
AM-Mono/NICAM
SECAM-L
France
I
6.0/6.552
FM-Mono/NICAM
PAL
UK
D/K
6.5 /6.2578125 D/K1
6.5/6.7421875 D/K2
6.5/5.85 D/K-NICAM
FM-Stereo
FM-Mono/NICAM
SECAM-East
USSR
Hungary
M
M-Korea
4.5
4.5/4.724212
FM-Mono
FM-Stereo
NTSC
USA
Korea
Satellite
Satellite
6.5
7.02/7.2
FM-Mono
FM-Stereo
PAL
PAL
Europe (ASTRA)
Europe (ASTRA)
Tuner
Sound
IF
Mixer
Vision
Demo-
dulator
Composite
Video
SCART1
SCART2
SCART3
SCART1
SCART2
optional
Feature
Processor
AMU and DMA
or DRP
SAW Filter
Sound IF Filter
MSP 3400C
33
34
39 MHz
5
9 MHz
Loudspeaker
Headphone
AM Sound
2
2
2
2
2
I2S
SBUS / ADR
SCART
Inputs
SCART
Outputs
Fig. 3–1: Typical MSP 3400C application
According to the mixing characteristics of
the Sound-IF-mixer, the Sound-IF filter
may be omitted.
I2S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com