Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 63 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 63 Page - Micronas

Back Button MSP3400C Datasheet HTML 59Page - Micronas MSP3400C Datasheet HTML 60Page - Micronas MSP3400C Datasheet HTML 61Page - Micronas MSP3400C Datasheet HTML 62Page - Micronas MSP3400C Datasheet HTML 63Page - Micronas MSP3400C Datasheet HTML 64Page - Micronas MSP3400C Datasheet HTML 65Page - Micronas MSP3400C Datasheet HTML 66Page - Micronas MSP3400C Datasheet HTML 67Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
MSP 3400C
PRELIMINARY DATA SHEET
MICRONAS INTERMETALL
63
Test Conditions
Unit
Max.
Typ.
Min.
Pin Name
Parameter
Symbol
Overall Performance
S/NFM
FM input to Main/AUX/SCART
Output
DACp_s,
SCn_OUT_s1)
70
–
dB
1 FM-carrier 5.5 MHz,
50
µs, 1 kHz, 40 kHz de-
viation; RMS, unweighted
0 to 15 kHz; full input
range
S/ND2MAC
Signal to Noise ratio of D2MAC
baseband signal on Main/AUX/
SCART outputs
TBD
–
dB
THDFM
Total Harmonic Distortion + Noise
of FM demodulated signal on
Main/AUX/SCART output
–
0.3
%
1 FM-carrier 5.5 MHz,
1kHz, 50
µs; 40 kHz devi-
ation; full input range
THDD2MAC
Total Harmonic Distortion + Noise
of D2MAC baseband signal for
Main/AUX/SCART output
–
0.01
0.1
%
2.12 kHz, Modulator input
level = 0 dBref
dVFMOUT
Tolerance of output voltage of FM
demodulated signal
–1.5
+1.5
dB
1 FM-carrier, 50
µs,
1 kHz
40 kHz deviation; RMS
dV-
D2MACOUT
Tolerance of output voltage of
D2MAC baseband signal
–1.5
+1.5
dB
2.12 kHz, Modulator input
level = 0 dBref
fRFM
FM frequency response on Main/
AUX/SCART outputs, bandwidth
20 to 15000 Hz
–1.0
+1.0
dB
1 FM-carrier 5.5 MHz,
50
µs, Modulator input
level = –14.6 dBref; RMS
fRD2MAC
D2MAC frequency response on
Main/AUX/SCART outputs, band-
width 20 to 15000 Hz
–1.0
+1.0
dB
Modulator input level =
–12 dB dBref; RMS
SEPFM
FM channel separation (Stereo)
50
dB
2 FM-carriers 5.5/5.74
MHz, 50
µs, 1 kHz, 40
kHz deviation; RMS
SEPD2MAC
D2MAC channel separation
(Stereo)
80
dB
XTALKFM
FM crosstalk attenuation (Dual)
80
dB
2 FM-carriers 5.5/5.74
MHz, 50
µs, 1 kHz, 40
kHz deviation; RMS
XTALK-
D2MAC
D2MAC crosstalk attenuation
(Dual)
80
dB
1)
“n” means “1”, “2” or “3”,
“s” means “L” or “R”,
“p” means “M” or “A”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com