Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 17 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 17 Page - Micronas

Back Button MSP3400C Datasheet HTML 13Page - Micronas MSP3400C Datasheet HTML 14Page - Micronas MSP3400C Datasheet HTML 15Page - Micronas MSP3400C Datasheet HTML 16Page - Micronas MSP3400C Datasheet HTML 17Page - Micronas MSP3400C Datasheet HTML 18Page - Micronas MSP3400C Datasheet HTML 19Page - Micronas MSP3400C Datasheet HTML 20Page - Micronas MSP3400C Datasheet HTML 21Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
MSP 3400C
PRELIMINARY DATA SHEET
MICRONAS INTERMETALL
17
Table 5–3: Control Register
Name
15
14..0
CONTROL
RESET
0
5.1. Protocol Description
Write to DFP or Demodulator Part (long protocol)
S
daw
Wait
ACK
sub-addr
ACK
addr-byte
high
ACK
addr-byte low
ACK
data-byte high
ACK
data-byte low
ACK
P
Read from DFP Part (long protocol)
S
daw
Wait
ACK
sub-addr
ACK
addr-byte
high
ACK
addr-byte
low
ACK
S
dar
Wait
ACK
data-byte
high
ACK
data-byte
low
NAK
P
Write to Control / Test / AGC / PLL_Cap Registers (short protocol)
S
daw
Wait
ACK
sub-addr
ACK
data-byte high
ACK
data-byte low
ACK
P
Read from Control / Test / AGC / PLL_Cap Registers (short protocol)
S
daw
Wait
ACK
sub-addr
ACK
S
dar
Wait
ACK
data-byte high
ACK
data-byte low
NAK
P
Note: S =
I2C-Bus Start Condition from master
P =
I2C-Bus Stop Condition from master
daw =
Device Address Write
dar =
Device Address Read
ACK = Acknowledge-Bit: LOW on I2C_DA from slave (= MSPC, grey)
or master (= CCU, hatched)
NAK = Not Acknowledge-Bit: HIGH on I2C_DA from master (= CCU, hatched) to indicate
‘End of Read’ or from MSPC indicating internal error state (not illustrated)
Wait = I2C-Clock line held low by the slave (= MSPC) while interrupt is serviced (<1.77 ms)
Fig. 5–1: I2C bus protocol
I2C_DA
I2C_CL
1
0
SP
(MSB first; data must be stable while clock is high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com