Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 53 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 53 Page - Micronas

Back Button MSP3400C Datasheet HTML 49Page - Micronas MSP3400C Datasheet HTML 50Page - Micronas MSP3400C Datasheet HTML 51Page - Micronas MSP3400C Datasheet HTML 52Page - Micronas MSP3400C Datasheet HTML 53Page - Micronas MSP3400C Datasheet HTML 54Page - Micronas MSP3400C Datasheet HTML 55Page - Micronas MSP3400C Datasheet HTML 56Page - Micronas MSP3400C Datasheet HTML 57Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
MSP 3400C
PRELIMINARY DATA SHEET
MICRONAS INTERMETALL
53
8.5. Electrical Characteristics
8.5.1. Absolute Maximum Ratings
Symbol
Parameter
Pin Name
Min.
Max.
Unit
TA
Ambient Operating Temperature
–
0
70
°C
TS
Storage Temperature
–
–40
125
°C
VSUP1
First Supply Voltage
AHVSUP
–0.3
9.0
V
VSUP2
Second Supply Voltage
DVSUP
–0.3
6.0
V
VSUP3
Third Supply Voltage
AVSUP
–0.3
6.0
V
dVSUP23
Voltage between AVSUP
and DVSUP
AVSUP,
DVSUP
–0.5
0.5
V
PTOT
Chip Power Dissipation
PLCC68 without Heat Spreader
AHVSUP,
DVSUP, AVSUP
1100
mW
VIdig
Input Voltage, all Digital Inputs
–0.3
VSUP2+0.3
V
IIdig
Input Current, all Digital Pins
–
–20
+20
mA1)
VIana
Input Voltage, all Analog Inputs
SCn_IN_s,2)
MONO_IN
–0.3
VSUP1+0.3
V
IIana
Input Current, all Analog Inputs
SCn_IN_s,2)
MONO_IN
–5
+5
mA1)
IOana
Output Current, all SCART Outputs
SCn_OUT_s2)
3), 4)
3), 4)
IOana
Output Current, all Analog Outputs
except SCART Outputs
DACp_s2)
3)
3)
ICana
Output Current, other pins
connected to capacitors
CAPL_p,2)
AGNDC
3)
3)
1) positive value means current flowing into the circuit
2) “n” means “1”, “2” or “3”,
“s” means “L” or “R”,
“p” means “M” or “A”
3) The Analog Outputs are short circuit proof with respect to First Supply Voltage and Ground.
4) Total chip power dissipation must not exceed absolute maximum rating.
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these or any other conditions beyond those indicated in the
“Recommended Operating Conditions/Characteristics” of this specification is not implied. Exposure to absolute maxi-
mum ratings conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com