Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 43 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 43 Page - Micronas

Back Button MSP3400C Datasheet HTML 39Page - Micronas MSP3400C Datasheet HTML 40Page - Micronas MSP3400C Datasheet HTML 41Page - Micronas MSP3400C Datasheet HTML 42Page - Micronas MSP3400C Datasheet HTML 43Page - Micronas MSP3400C Datasheet HTML 44Page - Micronas MSP3400C Datasheet HTML 45Page - Micronas MSP3400C Datasheet HTML 46Page - Micronas MSP3400C Datasheet HTML 47Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
MSP 3400C
PRELIMINARY DATA SHEET
MICRONAS INTERMETALL
43
8. Specifications
8.1. Outline Dimensions
1.2 x 45
°
16 x 1.27
= 20.32
0.1
±
0.1
±
2
25
+0.25
43
27
26
10
9
61
9
44
60
1
x 45
°
1.9 1.5
4.05
0.1
4.75±0.15
1.27 0.1
±
2.4
2
15
9
24.2 0.1
±
1
+0.2
Fig. 8–1:
68-Pin Plastic Leaded Chip Carrier Package
(PLCC68)
Weight approximately 4.8 g
Dimensions in mm
SPGS7004-3/4E
0.457
Fig. 8–2:
64-Pin Plastic Shrink Dual Inline Package
(PSDIP64)
Weight approximately 9.0 g
Dimensions in mm
1.29
132
33
64
1.778 ±0.05
1 ±0.1
57.7 ±0.1
19.3 ±0.1
18 ±0.1
20.1 ±0.6
0.27 ±0.06
SPGS0016-4/2E
31 x 1.778 = 55.118 ±0.1
14 ±0.1
1.778 ±0.05
Fig. 8–3:
52-Pin Plastic Shrink Dual In Line Package
(PSDIP52)
Weight approximately 5.5 g
Dimensions in mm
126
27
52
0.457
0
°...15°
47 ±0.1
1 ±0.1
15.6 ±0.1
0.27 ±0.06
25 x 1.778 = 44.47 ±0.1
SPGS0015-1/2E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com