Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 37 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 37 Page - Micronas

Back Button MSP3400C Datasheet HTML 33Page - Micronas MSP3400C Datasheet HTML 34Page - Micronas MSP3400C Datasheet HTML 35Page - Micronas MSP3400C Datasheet HTML 36Page - Micronas MSP3400C Datasheet HTML 37Page - Micronas MSP3400C Datasheet HTML 38Page - Micronas MSP3400C Datasheet HTML 39Page - Micronas MSP3400C Datasheet HTML 40Page - Micronas MSP3400C Datasheet HTML 41Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
MSP 3400C
PRELIMINARY DATA SHEET
MICRONAS INTERMETALL
37
7.1.12. FM Matrix Modes (see also Table 4–1)
FM matrix
000ehex
L
NO MATRIX
0000 0000
00hex
RESET
GSTEREO
0000 0001
01hex
KSTEREO
0000 0010
02hex
NO_MATRIX is used for terrestrial mono or satellite ste-
reo sound. GSTEREO dematrixes (L+R, 2R) to (2L, 2R)
and is used for German dual carrier stereo system
(Standard B/G). KSTEREO dematrixes (L+R, L–R) to
(2L, 2R) and is used for the Korean dual carrier stereo
system (Standard M).
7.1.13. FM Fixed Deemphasis
Deemphasis FM
000fhex
H
50
µs
0000 0000
00hex
RESET
75
µs
0000 0001
01hex
J17
0000 0100
04hex
OFF
0011 1111
3Fhex
7.1.14. FM Adaptive Deemphasis
FM Adaptive
Deemphasis WP1
000fhex
L
OFF
0000 0000
00hex
RESET
WP1
0011 1111
3Fhex
Must be set to ‘OFF’ in case of dual carrier stereo (Ger-
man or Korean). If ‘ON’, FM fixed deemphasis must be
set to 75
µs.
7.1.15. I2S1 and I2S2 Prescale
Prescale I2S1
0016hex
H
Prescale I2S2
0012hex
H
OFF
00hex
0 dB gain
10hex
RESET
+18 dB gain
7Fhex
7.1.16. ACB Register, Definition of the SCART-
Switches and DIG_CTR_OUT Pins
ACB Register
0013hex
H
DSP In
Selection of Source:
SC_1_IN
MONO_IN
SC_2_IN
SC_3_IN
xxxx xx00
RESET
xxxx xx01
xxxx xx10
xxxx xx11
SC_1_OUT_L/R
Selection of Source:
SC_3_IN
SC_2_IN
MONO_IN
DA_SCART
xxxx 00xx
RESET
xxxx 01xx
xxxx 10xx
xxxx 11xx
SC_2_OUT_L/R
Selection of Source:
DA_SCART
SC_1_IN
MONO_IN
xx00 xxxx
RESET
xx01 xxxx
xx10 xxxx
DIG_CTR_OUT1
low
high
x0xx xxxx
RESET
x1xx xxxx
DIG_CTR_OUT2
low
high
0xxx xxxx
RESET
1xxx xxxx
RESET: The RESET state is taken at the time of
the first write transmission on the control bus to
the audio processing part (DSP). By writing to the
ACB register first, the RESET state can be rede-
fined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com