Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 65 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 65 Page - Micronas

Back Button MSP3400C Datasheet HTML 61Page - Micronas MSP3400C Datasheet HTML 62Page - Micronas MSP3400C Datasheet HTML 63Page - Micronas MSP3400C Datasheet HTML 64Page - Micronas MSP3400C Datasheet HTML 65Page - Micronas MSP3400C Datasheet HTML 66Page - Micronas MSP3400C Datasheet HTML 67Page - Micronas MSP3400C Datasheet HTML 68Page - Micronas MSP3400C Datasheet HTML 69Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 73 page
background image
MSP 3400C
PRELIMINARY DATA SHEET
MICRONAS INTERMETALL
65
10. DMA Application
Fig. 10–1 shows an example for the D2MAC application
with the MSP 3400 or MSP 3400C. To obtain the optimal
amplitude and phase conditions for the clock input of
AMU, DMA 2386, and DMA 2381, it is recommended to
use a clock inverter circuit, as shown below right, a mini-
mum gain of 1.0 at 18.432 MHz and an output phase as
specified in Fig. 10–2.
DMA 2381
S_DA_IN
S_DATA 66
SBS = 1
ACS = 1
ACF = 0
DCOF= 1
(addr. 204, 214)
ACLK
18 AUD_CL_OUT
+ 5 Volt
5 K
Software:
MSP 3400C C6...
MSP 3410/00
TC15/F7
19 DMA_SYNC
MODE_REG[0] = 1
1 S_ID
S_IDENT 64
S_CLOCK 67
AMU 2481
9 S_DATA_IN
S_DATA_OUT 6
S_Bus
Slave_mode
65
17
16
13 AUDIO_CLOCK
68 S_CL
3
1 nF
15 S_IDENT
8 S_CLOCK
18.432 MHz
DMA 2386
65
66
64
Clock
Inverter
(see below)
ACLK
S_DATA
S_IDENT
4.7 nF
+2...3 V
+5 V
100 nF
120
6k8
3k8
82
BC 848C
To
DMA 2381/86
and AMU 2481
10 nF
Clock Inverter
Fig. 10–1: DMA application with MSP 3410 TC15 or F7
open
Note: Pin numbers refer to PLCC packages for DMA 2381 and MSP 3400C and to PSDIP package for AMU 2481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com