Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 38 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 38 Page - Micronas

Back Button MSP3400C Datasheet HTML 34Page - Micronas MSP3400C Datasheet HTML 35Page - Micronas MSP3400C Datasheet HTML 36Page - Micronas MSP3400C Datasheet HTML 37Page - Micronas MSP3400C Datasheet HTML 38Page - Micronas MSP3400C Datasheet HTML 39Page - Micronas MSP3400C Datasheet HTML 40Page - Micronas MSP3400C Datasheet HTML 41Page - Micronas MSP3400C Datasheet HTML 42Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
PRELIMINARY DATA SHEET
MSP 3400C
MICRONAS INTERMETALL
38
7.1.17. Beeper
Beeper Volume
0014hex
H
OFF
0000 0000
00hex
RESET
Maximum Volume (full
digital scale FDS)
0111 1111
7Fhex
Beeper Frequency
0014hex
L
16 Hz (lowest)
0000 0001
01hex
1 kHz
0100 0000
40hex
4 kHz (highest)
1111 1111
FFhex
A squarewave beeper can be added to the loudspeaker
channel and the headphone channel. The addition point
is just before loudness and volume adjustment.
7.1.18. Identification Mode
Identification Mode
0015hex
L
Standard B/G (German
Stereo)
0000 0000
00hex
RESET
Standard M (Korean
Stereo)
0000 0001
01hex
Reset of Ident-Filter
0011 1111
3Fhex
To shorten the response time of the identification algo-
rithm after a program change between two FM-stereo
capable programs, the reset of ident-filter can be ap-
plied.
Sequence:
1. Program change
2. Reset ident-filter
3. Wait at least 1 msec.
4. Set identification mode back to standard B/G or M
5. Wait approx. 1 sec.
6. Read stereo detection register
7.1.19. FM DC Notch
FM DC Notch
0017hex
L
ON
0000 0000
00hex
Reset
OFF
0011 1111
3Fhex
The DC compensation filter (FM DC Notch) for FM input
can be switched off. This is used to speed up the auto-
matic search function (see sector 6.4.3.). In normal FM-
mode, the FM DC Notch should be switched on.
7.1.20. Mode Tone Control
Mode Tone Control
00020hex
H
Bass and Treble
0000 0000
00hex
RESET
Equalizer
1111 1111
FFhex
By means of ‘Mode Tone Control’, Bass/Treble or Equal-
izer may be activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com