Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 64 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 64 Page - Micronas

Back Button MSP3400C Datasheet HTML 60Page - Micronas MSP3400C Datasheet HTML 61Page - Micronas MSP3400C Datasheet HTML 62Page - Micronas MSP3400C Datasheet HTML 63Page - Micronas MSP3400C Datasheet HTML 64Page - Micronas MSP3400C Datasheet HTML 65Page - Micronas MSP3400C Datasheet HTML 66Page - Micronas MSP3400C Datasheet HTML 67Page - Micronas MSP3400C Datasheet HTML 68Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
PRELIMINARY DATA SHEET
MSP 3400C
MICRONAS INTERMETALL
64
9. Application of the MSP 3400C
10
µF
330 nF
IF 2 IN
Signal GND
IF 1 IN
18.432
MHz
28 (55) MONO_IN
MAIN
HEAD-
PHONE
MSP 3400C
11 (7) STANDBY Q
Tuner 2
Tuner 1
+8.0 V
1
µF
DACM_L (29) 56
DACM_R (28) 57
DACA_L (26) 59
30 (53) SC1_IN_R
31 (52) SC1_IN_L
33 (50) SC2_IN_R
34 (49) SC2_IN_L
52 (30) ASG3
D_CTR_OUT1 (4) 14
9 (9) I2C-CL
1 (16) S_ID
5V
5V
8.0 V
68 (17) S_CL
5 (13) I2S_DA_OUT
65 (20) I2S_DA_IN2
32 (51) ASG1
36 (47) SC3_IN_R
37 (46) SC3_IN_L
35 (48) ASG2
3 (15) S_DA_IN
AUD_CL_OUT (1) 18
TESTEN (61) 22
DACA_R (25) 60
3.3
µF
10
µF
7 (11) I2S_CL
12 (6) ADR_SEL
330 nF
330 nF
330 nF
330 nF
330 nF
330 nF
1
µF
1
µF
1
µF
1 nF
1 nF
1 nF
1 nF
22
µF
22
µF
22
µF
22
µF
10
µF
0.1 pF
50pF
-
+
100
nF
100
nF
100
nF
100
nF
AHVSS
AHVSS
+
100
nF
++
100
Ω
100
Ω
100
Ω
100
Ω
+
+
+
+
+
10
µF
DVSS
DMA_SYNC (64) 19
DVSS
5V
DVSS
5V
8 (10) I2C-DA
50pF 50pF
AHVSS
4 (14) I2S_DA_IN1
6 (12) I2S_WS
D_CTR_OUT0 (5) 13
SC1_OUT_L (37) 47
SC1_OUT_R (36) 48
SC2_OUT_L (34) 50
SC2_OUT_R (33) 51
Note: Pin numbers refer to PLCC packages, pin numbers for PSDIP packages in brackets.
not connected pins are 2,10,15,16,17,38,39,40,41,53,54,55,62,63,64 (2,3,8,21,22,23,31,32,43,44,45)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com