Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 40 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 40 Page - Micronas

Back Button MSP3400C Datasheet HTML 36Page - Micronas MSP3400C Datasheet HTML 37Page - Micronas MSP3400C Datasheet HTML 38Page - Micronas MSP3400C Datasheet HTML 39Page - Micronas MSP3400C Datasheet HTML 40Page - Micronas MSP3400C Datasheet HTML 41Page - Micronas MSP3400C Datasheet HTML 42Page - Micronas MSP3400C Datasheet HTML 43Page - Micronas MSP3400C Datasheet HTML 44Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
PRELIMINARY DATA SHEET
MSP 3400C
MICRONAS INTERMETALL
40
7.1.23. Subwoofer on Headphone Output
The subwoofer channel is created by combining the left
and right loudspeaker channels ( (L+R)/2 ) directly be-
hind the tone control filter block. A third order lowpass fil-
ter with programmable corner frequency and volume ad-
justment respectively to the loudspeaker channel output
is performed to the bass-signal. Additionally, at the loud-
speaker channels, a complementary high pass filter can
be switched on. The subwoofer channel output can be
switched to the headphone D/A converter alternatively
with the headphone output.
Subwoofer Channel
Volume Adjust
002Chex
H
0 dB
0000 0000
00hex
RESET
–1 dB
1111 1111
FFhex
–29 dB
1110 0011
E3hex
–30 dB
1110 0010
E2hex
Mute
1000 0000
80hex
Subwoofer Channel
Corner Frequency
002Dhex
H
50 Hz .... 400 Hz
e.g. 50 Hz
= 5 int
400 Hz
= 40int
0000 0101
05hex
0010 1000
28hex
Headphone Output
002Dhex
[7:4]
Headphone
0000
0hex
Subwoofer
1000
8hex
Subwoofer: Comple-
mentary Highpass
002Dhex
[3:0]
HP off
0000
0hex
HP on
0001
1hex
Note: If subwoofer is chosen for headphone output, the
corner frequency must be set to the desired value, be-
fore the loudspeaker volume is set. This is to avoid plop
noise.
7.2. Exclusions
In general, all functions can be switched independently
of the others. One exception exists:
1. If the adaptive deemphasis is activated (Reg. 000fhex
L), the FM fixed deemphasis (Reg. 000fhex H) must be
set to 75
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com