Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 67 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 67 Page - Micronas

Back Button MSP3400C Datasheet HTML 63Page - Micronas MSP3400C Datasheet HTML 64Page - Micronas MSP3400C Datasheet HTML 65Page - Micronas MSP3400C Datasheet HTML 66Page - Micronas MSP3400C Datasheet HTML 67Page - Micronas MSP3400C Datasheet HTML 68Page - Micronas MSP3400C Datasheet HTML 69Page - Micronas MSP3400C Datasheet HTML 70Page - Micronas MSP3400C Datasheet HTML 71Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 73 page
background image
MSP 3400C
PRELIMINARY DATA SHEET
MICRONAS INTERMETALL
67
11. MSP Application with External Clock
If for some reason, e.g. to spare the cost of an additional
crystal, the MSP receives the 18.432 MHz clock from an
external source, for example from an other MSP, the fol-
lowing circuit can be used. For input/output specification
see also Table 10–1.
AUD_CL_OUT 18
18.432 MHz
MSP 3400C or
MSP 3410B
MSP 3400C
62 XTAL_IN
63
62
10 nF
LV
Fig. 11–1: MSP 3400C with external clock
63 XTAL_OUT
12. ADR Application
S_DA_IN
S_ID
S_CL
18.432 MHz
MSP 3400C
(in I2S Slave Mode)
DRP 3510A
I2S_DA_IN
I2S_WS
I2S_CL
Tuner
(Sat)
ADR-Interface
I2S-Interface
I2S_DA_OUT
SI1D
SI1I
SI1C
SO1D
SO1I
SO1C
PI14
PI16
PI15
18.432 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com