Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 35 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 35 Page - Micronas

Back Button MSP3400C Datasheet HTML 31Page - Micronas MSP3400C Datasheet HTML 32Page - Micronas MSP3400C Datasheet HTML 33Page - Micronas MSP3400C Datasheet HTML 34Page - Micronas MSP3400C Datasheet HTML 35Page - Micronas MSP3400C Datasheet HTML 36Page - Micronas MSP3400C Datasheet HTML 37Page - Micronas MSP3400C Datasheet HTML 38Page - Micronas MSP3400C Datasheet HTML 39Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
MSP 3400C
PRELIMINARY DATA SHEET
MICRONAS INTERMETALL
35
It is worth mentioning, that all spatial effects affect ampli-
tude and phase response. With the lower 4 bits, the fre-
quency response can be customized. A value of 0000bin
yields a flat response for center signals (L = R) but a high
pass function of L or R only signals. A value of 0110bin
has a flat response for L or R only signals but a lowpass
function for center signals. By using 1000bin, the fre-
quency response is automatically adapted to the sound
material by choosing an optimal high pass gain.
7.1.7. Volume SCART
Volume Mode SCART
0007hex
LSB
linear
xxx0
0hex
RESET
logarithmic
xxx1
1hex
Linear Mode
Volume SCART
0007hex
H
OFF
0000 0000
00hex
RESET
0 dB gain
(digital full scale (FS)
to 2 VRMS output)
0100 0000
40hex
+6 dB gain (–6 dBFS
to 2 VRMS output)
0111 1111
7Fhex
Logarithmic Mode
Volume SCART
0007hex
11 MSBs
+12 dB
0111 1111 000x
7F0hex
+11.875 dB
0111 1110 111x
7EEhex
+0.125 dB
0111 0011 001x
732hex
0 dB
0111 0011 000x
730hex
–0.125 dB
0111 0010 111x
72Ehex
–113.875 dB
0000 0001 001x 012hex
–114 dB
0000 0001 000x 010hex
Mute
0000 0000 0000 000hex
RESET
7.1.8. Channel Source Modes
Loudspeaker channel
source
0008hex
H
Headphone channel
source
0009hex
H
SCART channel
source
000ahex
H
I2S channel source
000bhex
H
Quasi-peak detector
source
000chex
H
FM
0000 0000
00hex
RESET
NONE (MSP3410: NICAM)
0000 0001
01hex
SCART
0000 0010
02hex
SBUS12
0000 0011
03hex
SBUS34
0000 0100
04hex
I2S1
0000 0101
05hex
I2S2
0000 0110
06hex
Note: For Headphone output it is also possible to select
a subwoofer signal derived from the Loudspeaker chan-
nel. For more details see section 7.1.23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com