Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 8 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 8 Page - Micronas

Back Button MSP3400C Datasheet HTML 4Page - Micronas MSP3400C Datasheet HTML 5Page - Micronas MSP3400C Datasheet HTML 6Page - Micronas MSP3400C Datasheet HTML 7Page - Micronas MSP3400C Datasheet HTML 8Page - Micronas MSP3400C Datasheet HTML 9Page - Micronas MSP3400C Datasheet HTML 10Page - Micronas MSP3400C Datasheet HTML 11Page - Micronas MSP3400C Datasheet HTML 12Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
PRELIMINARY DATA SHEET
MSP 3400C
MICRONAS INTERMETALL
8
Table 3–2: Key parameters for B/G, D/K, and M 2-carrier sound system
Sound Carriers
Carrier FM1
Carrier FM2
B/G
D/K
M
B/G
D/K
M
Vision/sound power difference
13 dB
20 dB
Sound bandwidth
40 Hz to 15 kHz
Pre-emphasis
50
µs
75
µs
50
µs
75
µs
Frequency deviation
±50 kHz
±25 kHz
±50 kHz
±25 kHz
Sound Signal Components
Mono transmission
mono
mono
Stereo transmission
(L+R)/2
(L+R)/2
R
(L–R)/2
Dual sound transmission
language A
language B
Identification of Transmission Mode on Carrier FM2
Pilot carrier frequency in kHz
54.6875
55.0699
Type of modulation
AM
Modulation depth
50%
Modulation frequency
mono: unmodulated
stereo: 117.5 Hz
dual:
274.1 Hz
149.9 Hz
276.0 Hz
Note: NICAM decoding can be achieved by using the
MSP 3410 instead of the MSP 3400C. Since the
MSP 3400C and the MSP 3410 are fully pin and soft-
ware downwards compatible (concerning all features of
MSP 3410), it is possible to decide in the assembly line,
whether the application should be able to decode
NICAM or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com