Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 19 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 19 Page - Micronas

Back Button MSP3400C Datasheet HTML 15Page - Micronas MSP3400C Datasheet HTML 16Page - Micronas MSP3400C Datasheet HTML 17Page - Micronas MSP3400C Datasheet HTML 18Page - Micronas MSP3400C Datasheet HTML 19Page - Micronas MSP3400C Datasheet HTML 20Page - Micronas MSP3400C Datasheet HTML 21Page - Micronas MSP3400C Datasheet HTML 22Page - Micronas MSP3400C Datasheet HTML 23Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
MSP 3400C
PRELIMINARY DATA SHEET
MICRONAS INTERMETALL
19
5.3. Start Up Sequence
After power on or RESET, the IC is in an inactive state.
The CCU has to transmit the required coefficient set for
a given operation via the I2C bus. Initialization must start
with the demodulator part. If required for any reason, the
audio processing part can be loaded before the demo-
dulator part.
The reset pin should not be > 0.45 DVSUP (see recom-
mended operation conditions) before the 5 Volt digital
power supply (DVSUP) and the analog power supply
(AVSUP) are > 4.75 Volt and the MSP-Clock is running
(Delay: 2 ms max, 0.5 ms typ.).
This means, if the reset low-high edge starts with a delay
of 2 ms after DVSUP> 4.75 Volt and AVSUP>4.75 Volt,
even under worst case conditions, the reset is ok.
DVSUP/V
AVSUP/V
time / ms
4.75
Oscillator
time / ms
0.45 * DVSUP
min. 2
time / ms
RESETQ
max. 2
Fig. 5–3: Power-up sequence
Note: The reset should
not reach high level be-
fore the oscillator has
started. This requires a
reset delay of >2 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com