Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 24 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 24 Page - Micronas

Back Button MSP3400C Datasheet HTML 20Page - Micronas MSP3400C Datasheet HTML 21Page - Micronas MSP3400C Datasheet HTML 22Page - Micronas MSP3400C Datasheet HTML 23Page - Micronas MSP3400C Datasheet HTML 24Page - Micronas MSP3400C Datasheet HTML 25Page - Micronas MSP3400C Datasheet HTML 26Page - Micronas MSP3400C Datasheet HTML 27Page - Micronas MSP3400C Datasheet HTML 28Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
PRELIMINARY DATA SHEET
MSP 3400C
MICRONAS INTERMETALL
24
Table 6–8: Channel modes ‘MODE_REG [7–9]‘
FM1 FM2
bit[7]
AM
bit[8]
HDEV
bit[9]
channel 1
channel 2
0
0
0
mute
FM-Mono (FM1)
1
0
0
FM2
FM1
X
1
0
AM
AM
X
X
1
FM-Mono (high deviation)
FM-Mono (high deviation)
6.2.3. FIR-Filter Switches
To simplify programming of the MSP 3400C, two addi-
tional switches have been implemented.
The FIR filter for channel1/FM2 can use either
FIR_REG_1 coefficients or FIR_REG_2 coefficients by
means of MODE_REG[13]. Herewith, it is no longer nec-
essary to transmit both coefficient sets in FM-terrestrial
mode. The loading sequence for FIR_REG_2 is suffi-
cient.
The additional gain of +6 dB in channel1/FM2 can be
switched to 0 dB by means of MODE_REG[12]. Togeth-
er with MODE_REG[13] set to 1, in satellite mode, it is
no longer necessary to transmit both FIR filter coefficient
sets. The loading sequence for FIR_REG_2 is sufficient.
6.2.4. FIR-Parameter
The following data values (see Table 6–9) are to be
transferred 8 bits at a time embedded LSB-bound in
a 16 bit word. These sequences must be obeyed. To
change
a
coefficient
set,
the
complete
block
FIR_REG_1 or FIR_REG_2 must be transmitted. The
new coefficient set will be active without a load_reg rou-
tine.
Table 6–9: Loading sequence for FIR-coefficients
WRITE_ADR = FIR_REG_1(Channel 1: FM2)
No.
Symbol Name
Bits
Value
1
FM2_Coeff. (5)
8
see Table 6–10.
2
FM2_Coeff. (4)
8
3
FM2_Coeff. (3)
8
4
FM2_Coeff. (2)
8
5
FM2_Coeff. (1)
8
6
FM2_Coeff. (0)
8
WRITE_ADR = FIR_REG_2 (Channel 2: FM1/FM
mono)
No.
Symbol Name
Bits
Value
1
* IMREG1 (8 LSBS)
8
04 HEX
2
* IMREG1 / IMREG2
(4 MSBs / 4 LSBs)
8
40 HEX
3
* IMREG2 (8 MSBs)
8
00 HEX
4
FM_Coef (5)
8
see Table 6–10.
5
FM_Coef (4)
8
6
FM_Coef (3)
8
7
FM_Coef (2)
8
8
FM_Coef (1)
8
9
FM_Coef (0)
8
* IMREG_1/2: Two 12-bit off-set constants



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com