Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 11 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 11 Page - Micronas

Back Button MSP3400C Datasheet HTML 7Page - Micronas MSP3400C Datasheet HTML 8Page - Micronas MSP3400C Datasheet HTML 9Page - Micronas MSP3400C Datasheet HTML 10Page - Micronas MSP3400C Datasheet HTML 11Page - Micronas MSP3400C Datasheet HTML 12Page - Micronas MSP3400C Datasheet HTML 13Page - Micronas MSP3400C Datasheet HTML 14Page - Micronas MSP3400C Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
MSP 3400C
PRELIMINARY DATA SHEET
MICRONAS INTERMETALL
11
4.2. Analog Section and SCART Switching Facilities
The analog input and output sections offer a wide range
of switching facilities, which are shown in Fig. 4–3. To
design a TV-set with 3 pairs of SCART-inputs and two
pairs of SCART-outputs, no external switching hardware
is required.
The switches are controlled by the ACB bits defined in
the audio processing interface (see section 7. Program-
ming the Audio Processing Part).
If the MSP 3400C is switched off by first pulling STAND-
BYQ low, and then disconnecting the 5 V, but keeping
the 8 V power supply (‘Standby’-mode), the switches
S1, S2, and S3 maintain their position and function. This
facilitates the copying from selected SCART-inputs to
SCART-outputs in the TV-sets standby mode.
SCART_IN
SC1_IN_L/R
SC2_IN_L/R
SC3_IN_L/R
MONO
from Audio Baseband
Processing (DFP)
SCARTL/R
SCART_OUT
SC1_OUT_L/R
SC2_OUT_L/R
2
2
2
2
2
2
2
S1
S2
S3
2
2
2
2
2
2
2
2
ACB[1:0]
ACB[3:2]
ACB[5:4]
00
01
10
11
11
01
10
00
00
01
10
SCARTL/R
to Audio Baseband
Processing (DFP)
Fig. 4–3: SCART-Switching Facilities
Bold lines determine the default configuration
D
A
A
D
In case of power-on start or starting from standby, the IC
switches automatically to the default configuration,
shown in Fig. 4–3. This takes place after the first I2C
transmission into the DFP part. By transmitting the ACB
register first, the default setting mode can be changed.
4.3. MSP 3400C Audio Baseband Processing
By means of the DFP processor, all audio baseband
functions are performed by digital signal processing
(DSP). The DSP functions are grouped into three pro-
cessing parts: input preprocessing, channel selection,
and channel postprocessing.
The input preprocessing is intended to prepare the vari-
ous signals of all input sources in order to form a stan-
dardized signal at the input to the channel selector. The
signals can be adjusted in volume, are processed with
the appropriate deemphasis, and are dematrixed if nec-
essary.
Having prepared the signals that way, the channel selec-
tor makes it possible to distribute all possible source sig-
nals to the desired output channels.
The ability to route in an external coprocessor for special
effects like surround and sound field processing is of
special importance. Routing can be done with each input
source and output channel via the I2S inputs and out-
puts.
All input and output signals can be processed simulta-
neously. Note that the NICAM input signals are only
available in the MSP 3410 version. While processing the
adaptive deemphasis, no dual carrier stereo (German or
Korean) is possible. Identification values are not valid ei-
ther.
4.3.1. Dual Carrier FM Stereo/Bilingual Detection
In the German and Korean TV standard, audio informa-
tion can be transmitted in three modes: mono, stereo, or
bilingual. To obtain information about the current audio
operation mode, the MSP 3400C detects the so-called
identification signal. Information is supplied via the Ste-
reo Detection Register to an external CCU.
IDENT
AM
Demodu-
lation
Stereo
Detection
Register
Stereo
Detection
Filter
Bilingual
Detection
Filter
Level
Detect
Level
Detect
–
Fig. 4–4: Stereo/bilingual detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com