Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 57 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 57 Page - Micronas

Back Button MSP3400C Datasheet HTML 53Page - Micronas MSP3400C Datasheet HTML 54Page - Micronas MSP3400C Datasheet HTML 55Page - Micronas MSP3400C Datasheet HTML 56Page - Micronas MSP3400C Datasheet HTML 57Page - Micronas MSP3400C Datasheet HTML 58Page - Micronas MSP3400C Datasheet HTML 59Page - Micronas MSP3400C Datasheet HTML 60Page - Micronas MSP3400C Datasheet HTML 61Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 73 page
background image
MSP 3400C
PRELIMINARY DATA SHEET
MICRONAS INTERMETALL
57
Unit
Max.
Typ.
Min.
Pin Name
Parameter
Symbol
Recommendations for Analog Sound IF Input Signal
CVREFTOP
VREFTOP-Filter-Capacitor
VREFTOP
–20%
10
µF
Ceramic Capacitor in Parallel
–20%
100
nF
VIF
Analog Input Range
(Complete Sound IF, 0 – 9 MHz)
ANA_IN1+,
ANA_IN2+,
ANA IN
0.14
0.8
3
Vpp
RFM
Ratio: FM-Main/FM-Sub
Satellite
ANA_IN–
7
dB
RFM1/FM2
Ratio: FM1/FM2
German FM-System
7
dB
RFC
Ratio: Main FM Carrier/Color
Carrier
15
–
–
dB
RFV
Ratio: Main FM Carrier/Luma
Components
15
–
–
dB
PRIF
Passband Ripple
–
–
±2 dB
dB
SUPHF
Suppression of Spectrum
Above 9.0 MHz
15
–
dB
FMMAX
Maximum FM-Deviation (apprx.)
normal mode
high deviation mode
±192
±360
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com