Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 33 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 33 Page - Micronas

Back Button MSP3400C Datasheet HTML 29Page - Micronas MSP3400C Datasheet HTML 30Page - Micronas MSP3400C Datasheet HTML 31Page - Micronas MSP3400C Datasheet HTML 32Page - Micronas MSP3400C Datasheet HTML 33Page - Micronas MSP3400C Datasheet HTML 34Page - Micronas MSP3400C Datasheet HTML 35Page - Micronas MSP3400C Datasheet HTML 36Page - Micronas MSP3400C Datasheet HTML 37Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
MSP 3400C
PRELIMINARY DATA SHEET
MICRONAS INTERMETALL
33
7.1.3. Bass Loudspeaker and Headphone Channel
Bass loudspeaker
0002hex
H
Bass headphone
0031hex
H
+20 dB
0111 1111
7Fhex
+18 dB
0111 1000
78hex
+16 dB
0111 0000
70hex
+14 dB
0110 1000
68hex
+12 dB
0110 0000
60hex
+11 dB
0101 1000
58hex
+1 dB
0000 1000
08hex
+1/8 dB
0000 0001
01hex
0 dB
0000 0000
00hex
RESET
–1/8 dB
1111 1111
FFhex
–1 dB
1111 1000
F8hex
–11 dB
1010 1000
A8hex
–12 dB
1010 0000
A0hex
With positive bass settings, internal overflow may occur
even with overall volume less than 0 dB. This will lead to
a clipped output signal. Therefore, it is not recom-
mended to set bass to a value that, in conjunction with
volume, would result in an overall positive gain.
Loudspeaker channel: Bass and Equalizer cannot work
simultaneously (see Table: Mode Tone Control). If
Equalizer is used, Bass and Treble coefficients must be
set to zero and vice versa.
7.1.4. Treble Loudspeaker and Headphone Channel
Treble loudspeaker
0003hex
H
Treble headphone
0032hex
H
+15 dB
0111 1000
78hex
+14 dB
0111 0000
70hex
+1 dB
0000 1000
08hex
+1/8 dB
0000 0001
01hex
0 dB
0000 0000
00hex
RESET
–1/8 dB
1111 1111
FFhex
–1 dB
1111 1000
F8hex
–11 dB
1010 1000
A8hex
–12 dB
1010 0000
A0hex
With positive treble settings, internal overflow may occur
even with overall volume less than 0 dB. This will lead to
a clipped output signal. Therefore, it is not recom-
mended to set treble to a value that, in conjunction with
volume, would result in an overall positive gain.
Loudspeaker channel: Treble and Equalizer cannot
work simultaneously (see Table: Mode Tone Control). If
Equalizer is used, Bass and Treble coefficients must be
set to zero and vice versa.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com