Electronic Components Datasheet Search
  English  ▼

X  

MSP3400C Datasheet(PDF) 55 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 55 Page - Micronas

Back Button MSP3400C Datasheet HTML 51Page - Micronas MSP3400C Datasheet HTML 52Page - Micronas MSP3400C Datasheet HTML 53Page - Micronas MSP3400C Datasheet HTML 54Page - Micronas MSP3400C Datasheet HTML 55Page - Micronas MSP3400C Datasheet HTML 56Page - Micronas MSP3400C Datasheet HTML 57Page - Micronas MSP3400C Datasheet HTML 58Page - Micronas MSP3400C Datasheet HTML 59Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
MSP 3400C
PRELIMINARY DATA SHEET
MICRONAS INTERMETALL
55
Unit
Max.
Typ.
Min.
Pin Name
Parameter
Symbol
tI2S1
I2S-Data Input Setup Time
before Rising Edge of Clock
I2S_DA_IN1/2,
I2S_CL
20
ns
tI2S2
I2S-Data Input Hold Time
after Falling Edge of Clock
0
ns
VI2SIDL
I2S-Input Low Voltage when
MSP 3400C in I2S-Slave-Mode
I2S_CL,
I2S_WS
0.25
VSUP2
VI2SIDH
I2S-Input High Voltage when
MSP 3400C in I2S-Slave-Mode
0.75
VSUP2
fI2SCL
I2S-Clock Input Frequency when
MSP 3400C in I2S-Slave-Mode
I2S_CL
1.024
MHz
RI2SCL
I2S-Clock Input Ratio when
MSP 3400C in I2S-Slave-Mode
0.9
1.1
fI2SWS
I2S-Wordstrobe Input Frequency
when MSP 3400C in I2S-Slave-
Mode
I2S_WS
32.0
kHz
tI2SWS1
I2S-Wordstrobe Input Setup Time
before Rising Edge of Clock when
MSP 3400C in I2S-Slave-Mode
I2S_WS,
I2S_CL
60
ns
tI2SWS2
I2S-Wordstrobe Input Hold Time
after Falling Edge of Clock when
MSP 3400C in I2S-Slave-Mode
0
ns
VSBUSIL
SBUS-Data Input Low Voltage
S_DA_IN
0.6
V
ISBUSIL
SBUS-Data Input Low Current
0.9
1.7
3.2
mA
VSBUSTRIG
SBUS-Data Input Trigger Voltage
0.8
1.2
V
tSBUS1
SBUS-Data Input Setup Time
before Rising Edge of Clock
S_DA_IN,
S_CL
10
ns
tSBUS2
SBUS-Data Input Hold Time
after Falling Edge of Clock
0
ns
Crystal Recommendations for Master-Slave Application
fP
Parallel Resonance Frequency at
12 pF Load Capacitance
18.432
MHz
fTOL
Accuracy of Adjustment
–20
+20
ppm
DTEM
Frequency Variation versus
Temperature
–20
+20
ppm
RR
Series Resistance
8
25
Ω
C0
Shunt (Parallel) Capacitance
6.2
7.0
pF
C1
Motional (Dynamic) Capacitance
19
24
fF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com