Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 23 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 19Page - Texas Instruments LMKDB1120FS Datasheet HTML 20Page - Texas Instruments LMKDB1120FS Datasheet HTML 21Page - Texas Instruments LMKDB1120FS Datasheet HTML 22Page - Texas Instruments LMKDB1120FS Datasheet HTML 23Page - Texas Instruments LMKDB1120FS Datasheet HTML 24Page - Texas Instruments LMKDB1120FS Datasheet HTML 25Page - Texas Instruments LMKDB1120FS Datasheet HTML 26Page - Texas Instruments LMKDB1120FS Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 133 page
background image
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CLOCK INPUT REQUIREMENTS
VIN, cross Clock input crossing point voltage
100
1400
mV
DCIN
Clock input duty cycle
45
55
%
VIN
Differential clock input amplitude (half of
differential peak-peak voltage)
f0 ≤ 300 MHz
200
2000
mV
300 MHz < f0 ≤ 400 MHz
250
2000
mV
dVIN/dt
Clock input slew rate
Measured from –150 mV to +150 mV on
the differential waveform
0.6
V/ns
CLOCK OUTPUT CHARACTERISTICS - 100 MHz 85 Ω PCIe
VOH,AC
Output voltage high
Output swing programmed to 750mV.
DB2000QL AC test load(6)
670
820
mV
VOL,AC
Output voltage low
–100
100
mV
Vmax,AC
Output max voltage (including overshoot)
670
920
mV
Vmin,AC
Output min voltage (including undershoot)
–100
100
mV
VOH,AC
Output voltage high
Output swing programmed to 950mV
870
1020
mV
VOL,AC
Output voltage low
–100
100
mV
Vmax,AC
Output max voltage (including overshoot)
870
1120
mV
Vmin,AC
Output min voltage (including undershoot)
–100
100
mV
VOH,DC
Output voltage high with DC test load
DB2000QL DC test load(2)
225
270
mV
VOL,DC
Output voltage low with DC test load
10
150
mV
Vovs,DC
Output overshoot voltage with DC test
load
75
mV
Vuds,DC
Output undershoot voltage with DC test
load
–75
mV
Zdiff
Differential output impedance
Measured at VOL/VOH, VDD = 3.3 V
80.75
85
89.25
Ω
Measured at VOL/VOH, VDD = 1.8 V
81
85
90
Ω
Zdiff-
crossing
Differential output impedance - crossing
Measured during transition
68
85
102
Ω
dV/dt
Output slew rate
Measured from –150 mV to +150 mV
on the differential waveform. Lowest slew
rate(6) (7)
1.5
2.2
V/ns
Measured from –150 mV to +150 mV on
the differential waveform. Low slew rate(6)
(7)
1.8
2.6
V/ns
Measured from –150 mV to +150 mV on
the differential waveform. High slew rate
(default)(6) (7)
2
2.9
V/ns
Measured from –150 mV to +150 mV on
the differential waveform. Highest slew
rate(6) (7)
2.4
4
V/ns
∆dV/dt
Rising edge rate to falling edge rate
matching
DB2000QL AC test load(6)
10
%
DCD
Duty cycle distortion
Measured on the differential waveform.
Input duty cycle = 50%(6)
–1
1
%
Vcross,AC Absolute crossing point voltage
DB2000QL AC test load(6)
250
550
mV
Vcross,DC Absolute crossing point voltage
DB2000QL DC test load(2)
130
200
mV
∆Vcross,A
C
Variation of Vcross over all clock edges
DB2000QL AC test load(6)
140
mV
∆Vcross-
DC
Variation of Vcross over all clock edges
DB2000QL DC test load(2)
35
mV
www.ti.com
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com