Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 31 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 31 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 27Page - Texas Instruments LMKDB1120FS Datasheet HTML 28Page - Texas Instruments LMKDB1120FS Datasheet HTML 29Page - Texas Instruments LMKDB1120FS Datasheet HTML 30Page - Texas Instruments LMKDB1120FS Datasheet HTML 31Page - Texas Instruments LMKDB1120FS Datasheet HTML 32Page - Texas Instruments LMKDB1120FS Datasheet HTML 33Page - Texas Instruments LMKDB1120FS Datasheet HTML 34Page - Texas Instruments LMKDB1120FS Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 133 page
background image
6.5 Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD,core
LMKDB1108 core supply current
Pin PWRGD/PWRDN# = high, all outputs
disabled
36.3
mA
IDD,core
LMKDB1112 core supply current
Pin PWRGD/PWRDN# = high, all outputs
disabled
36.3
mA
IDD,core
LMKDB1113 core supply current
Pin PWRGD/PWRDN# = high, all outputs
disabled
37
mA
IDD,core
LMKDB1120FS core supply current
Pin PWRGD/PWRDN# = high, all outputs
disabled
37.9
mA
IDD,core
LMKDB1120 core supply current
Pin PWRGD/PWRDN# = high, all outputs
disabled
37.9
mA
IDDO
Output supply current per
output (LMKDB1120FS, LMKDB1108FS,
LMKDB1104FS)
f0 = 100 MHz
6.9
mA
IDDO
Output supply current per
output (LMKDB1120FS, LMKDB1108FS,
LMKDB1104FS)
f0 = 400 MHz
9.7
mA
IDDO
Output supply current per output
f0 = 100 MHz
6.4
mA
f0 = 400 MHz
9.2
mA
IPD
LMKDB1104,
LMKDB1104FS, LMKDB1108,
LMKDB1108FS, LMKDB1112,
LMKDB1113, LMKDB1120FS and
LMKDB1120 power down current
Pin PWRGD/PWRDN# = low
5.6
mA
PSNR CHARACTERISTICS
PSNR
Power Supply Noise Rejection, VDD = 3.3
V(5)
10 kHz noise ripple
–93
dBc
50 kHz noise ripple
–91
dBc
100 kHz noise ripple
–91
dBc
500 kHz noise ripple
–95
dBc
1 MHz noise ripple
–96
dBc
5 MHz noise ripple
–111
dBc
10 MHz noise ripple
–99
dBc
Power Supply Noise Rejection, VDD = 1.8
V(5)
10 kHz noise ripple
–85
dBc
50 kHz noise ripple
–89
dBc
100 kHz noise ripple
–91
dBc
500 kHz noise ripple
–93
dBc
1 MHz noise ripple
–94
dBc
5 MHz noise ripple
–109
dBc
10 MHz noise ripple
–97
dBc
PSNR
Power Supply Noise Rejection, VDD = 3.3
V(5)
10 kHz noise ripple
–93
dBc
PSNR
Power Supply Noise Rejection, VDD = 3.3
V(5)
50 kHz noise ripple
–91
dBc
PSNR
Power Supply Noise Rejection, VDD = 3.3
V(5)
100 kHz noise ripple
–91
dBc
PSNR
Power Supply Noise Rejection, VDD = 3.3
V(5)
500 kHz noise ripple
–95
dBc
PSNR
Power Supply Noise Rejection, VDD = 3.3
V(5)
1 MHz noise ripple
–96
dBc
PSNR
Power Supply Noise Rejection, VDD = 3.3
V(5)
5 MHz noise ripple
–111
dBc
www.ti.com
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com