Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 28 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 24Page - Texas Instruments LMKDB1120FS Datasheet HTML 25Page - Texas Instruments LMKDB1120FS Datasheet HTML 26Page - Texas Instruments LMKDB1120FS Datasheet HTML 27Page - Texas Instruments LMKDB1120FS Datasheet HTML 28Page - Texas Instruments LMKDB1120FS Datasheet HTML 29Page - Texas Instruments LMKDB1120FS Datasheet HTML 30Page - Texas Instruments LMKDB1120FS Datasheet HTML 31Page - Texas Instruments LMKDB1120FS Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 133 page
background image
6.5 Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
JRMS-
additive
Additive 12 kHz to 20 MHz RMS jitter
f = 100 MHz, slew rate ≥ 3.5 V/ns
27.3
37.5
fs
f = 100 MHz, slew rate ≥ 1.5 V/ns
37.4
48.5
fs
Additive 12 kHz to 20 MHz RMS jitter
f = 156.25 MHz, slew rate ≥ 3.5 V/ns
21.9
31
fs
f = 156.25 MHz, slew rate ≥ 1.5 V/ns
29.4
38.5
fs
Additive 12 kHz to 70 MHz RMS jitter
f = 156.25 MHz, slew rate ≥ 3.5 V/ns
35.1
48.5
fs
f = 156.25 MHz, slew rate ≥ 1.5 V/ns
47.1
60.5
fs
Additive 12 kHz to 20 MHz RMS jitter
f = 312.5 MHz, slew rate ≥ 3.5 V/ns
19.3
28
fs
f = 312.5 MHz, slew rate ≥ 1.5 V/ns
27.4
39.5
fs
Additive 12 kHz to 70 MHz RMS jitter
f = 312.5 MHz, slew rate ≥ 3.5 V/ns
29.5
41.5
fs
f = 312.5 MHz, slew rate ≥ 1.5 V/ns
40.7
58
fs
JITTER CHARACTERISTICS (LMKDB1112)
JPCIe1-CC PCIe Gen 1 CC jitter
Single clock input. Input slew rate ≥ 3.5
V/ns. Differential input swing ≥ 1600 mV
481.1
fs
JPCIe2-CC PCIe Gen 2 CC jitter
42.6
fs
JPCIe3-CC PCIe Gen 3 CC jitter
13.5
fs
JPCIe4-CC PCIe Gen 4 CC jitter
13.5
fs
JPCIe5-CC PCIe Gen 5 CC jitter
5.4
fs
JPCIe6-CC PCIe Gen 6 CC jitter
3.3
fs
JPCIe7-CC PCIe Gen 7 CC jitter
2.3
fs
JPCIe2-IR PCIe Gen 2 IR jitter
36.6
fs
JPCIe3-IR PCIe Gen 3 IR jitter
11.5
fs
JPCIe4-IR PCIe Gen 4 IR jitter
11.5
fs
JPCIe5-IR PCIe Gen 5 IR jitter
4.2
fs
JPCIe6-IR PCIe Gen 6 IR jitter
3.2
fs
JPCIe7-IR PCIe Gen 7 IR jitter
2.3
fs
JPCIe1-CC PCIe Gen 1 CC jitter
Single clock input. Input slew rate ≥ 1.5
V/ns. Differential input swing ≥ 800 mV
638.5
fs
JPCIe2-CC PCIe Gen 2 CC jitter
56.5
fs
JPCIe3-CC PCIe Gen 3 CC jitter
17.9
fs
JPCIe4-CC PCIe Gen 4 CC jitter
17.9
fs
JPCIe5-CC PCIe Gen 5 CC jitter
7.1
fs
JPCIe6-CC PCIe Gen 6 CC jitter
4.3
fs
JPCIe7-CC PCIe Gen 7 CC jitter
3.0
fs
JPCIe2-IR PCIe Gen 2 IR jitter
45.7
fs
JPCIe3-IR PCIe Gen 3 IR jitter
14.9
fs
JPCIe4-IR PCIe Gen 4 IR jitter
14.9
fs
JPCIe5-IR PCIe Gen 5 IR jitter
5.5
fs
JPCIe6-IR PCIe Gen 6 IR jitter
4.1
fs
JPCIe7-IR PCIe Gen 7 IR jitter
2.9
fs
JDB2000QL DB2000QL filter
Input slew rate ≥ 3.5 V/ns. Differential
input swing ≥ 1600 mV(6)
8.1
9.7
fs
JDB2000QL DB2000QL filter
Input slew rate ≥ 1.5 V/ns. Differential
input swing ≥ 800 mV(6)
10.2
12.2
fs
JRMS-
additive
Additive 12 kHz to 20 MHz RMS jitter
f = 100 MHz, slew rate ≥ 3.5 V/ns
34.1
37.5
fs
JRMS-
additive
Additive 12 kHz to 20 MHz RMS jitter
f = 100 MHz, slew rate ≥ 1.5 V/ns
42.3
48.5
fs
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
www.ti.com
28
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com