Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 33 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 33 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 29Page - Texas Instruments LMKDB1120FS Datasheet HTML 30Page - Texas Instruments LMKDB1120FS Datasheet HTML 31Page - Texas Instruments LMKDB1120FS Datasheet HTML 32Page - Texas Instruments LMKDB1120FS Datasheet HTML 33Page - Texas Instruments LMKDB1120FS Datasheet HTML 34Page - Texas Instruments LMKDB1120FS Datasheet HTML 35Page - Texas Instruments LMKDB1120FS Datasheet HTML 36Page - Texas Instruments LMKDB1120FS Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 133 page
background image
6.5 Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
SMB_CLK, SMB_DATA input low voltage
0.3 ×
VDD
V
VHYS
Hysteresis of Schmitt Trigger Inputs
0.05 ×
VDD
V
VOL
SMB_DATA output low voltage
IOL = 4 mA
0.4
V
ILEAK
SMB_CLK, SMB_DATA input leakage
–10
10
µA
CPIN
SMB_CLK, SMB_DATA pin capacitance
10
pF
(1)
PCIe AC test load
(2)
DB2000QL DC test load
(3)
First clock edge is used for timing measurements. Clock outputs are muted until stabilized.
(4)
For input pins, assertion or deassertion starts when the input voltage reaches the minimum voltage required for a "high" level, or the
maximum voltage required for a "low" level
(5)
All power supply pins are tied together. A 0.1µF capacitor is placed close to each power supply pin. 50 mVpp ripple is applied before
the decoupling capacitors. Measure the spur level at the clock output
(6)
DB2000QL AC test load
(7)
Slew rate is highly dependent on PCB trace characteristics
6.6 SMBus Timing Requirements
100kHz CLASS
400kHz CLASS
UNIT
MIN
MAX
MIN
MAX
fSMB
SMBus Operating Frequency
10
100
10
400
kHz
fBUF
Bus free time between STOP and START
condition
4.7
–
1.3
–
μs
tHD_STA
Hold time after (REPEATED) START condition
4.0
–
0.6
–
μs
tSU_STA
REPEATED START condition setup time
4.7
–
0.6
–
μs
tSU_STO
STOP condition setup time
4.0
–
0.6
–
μs
tHD_DAT
Data hold time
0
–
0
–
ns
tSU_DAT
Data setup time
250
–
100
–
ns
tTIMEOUT
Detect clock low timeout
25
35
25
35
ms
tLOW
Clock low period
4.7
–
1.3
–
μs
tHIGH
Clock high period
4.0
50
0.6
50
μs
tLOW_SEXT
Cumulative clock low extend time (secondary
device)
–
25
–
25
ms
tLOW_PEXT
Cumulative clock low extend time (primary
device)
–
10
–
10
ms
tF
Clock/Data Fall Time
–
300
–
300
ns
tR
Clock/Data Rise Time
–
1000
–
300
ns
tSPIKE
Noise spike suppression time
–
–
0
50
ns
tPOR
Time in which a device must be operational after
power-on reset
500
500
ms
6.7 SBI Timing Requirements
MIN
MAX
UNIT
tPERIOD
Clock period
40
-
ns
tSETUP
SHFT setup to SBI_CLK rising edge
10
–
ns
tDSU
SBI_IN data setup to SBI_CLK rising edge
5
–
ns
tDHOLD
SBI_IN data hold after SBI_CLK rising edge
2
–
ns
www.ti.com
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com