Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 30 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 30 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 26Page - Texas Instruments LMKDB1120FS Datasheet HTML 27Page - Texas Instruments LMKDB1120FS Datasheet HTML 28Page - Texas Instruments LMKDB1120FS Datasheet HTML 29Page - Texas Instruments LMKDB1120FS Datasheet HTML 30Page - Texas Instruments LMKDB1120FS Datasheet HTML 31Page - Texas Instruments LMKDB1120FS Datasheet HTML 32Page - Texas Instruments LMKDB1120FS Datasheet HTML 33Page - Texas Instruments LMKDB1120FS Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 133 page
background image
6.5 Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
JPCIe1-CC PCIe Gen 1 CC jitter
Single clock input. Input slew rate ≥ 1.5
V/ns. Differential input swing ≥ 800 mV
599
fs
JPCIe2-CC PCIe Gen 2 CC jitter
54
fs
JPCIe3-CC PCIe Gen 3 CC jitter
16.8
fs
JPCIe4-CC PCIe Gen 4 CC jitter
16.8
fs
JPCIe5-CC PCIe Gen 5 CC jitter
6.6
fs
JPCIe6-CC PCIe Gen 6 CC jitter
4.1
fs
JPCIe7-CC PCIe Gen 7 CC jitter
3.9
fs
JPCIe2-IR PCIe Gen 2 IR jitter
48
fs
JPCIe3-IR PCIe Gen 3 IR jitter
18.3
fs
JPCIe4-IR PCIe Gen 4 IR jitter
18.9
fs
JPCIe5-IR PCIe Gen 5 IR jitter
5.3
fs
JPCIe6-IR PCIe Gen 6 IR jitter
4.1
fs
JPCIe7-IR PCIe Gen 7 IR jitter
2.9
fs
JDB2000QL DB2000QL filter
Input slew rate ≥ 1.5 V/ns. Differential
input swing ≥ 800 mV(6)
9.2
12.5
fs
Input slew rate ≥ 3.5 V/ns. Differential
input swing ≥ 1600 mV(6)
7.4
10.2
fs
JRMS-
additive
Additive 12 kHz to 20 MHz RMS jitter
f = 100 MHz, slew rate ≥ 3.5 V/ns
30
41.5
fs
f = 100 MHz, slew rate ≥ 1.5 V/ns
37.4
49.25
fs
Additive 12 kHz to 20 MHz RMS jitter
f = 156.25 MHz, slew rate ≥ 3.5 V/ns
24.5
32
fs
f = 156.25 MHz, slew rate ≥ 1.5 V/ns
29.4
40.2
fs
Additive 12 kHz to 70 MHz RMS jitter
f = 156.25 MHz, slew rate ≥ 3.5 V/ns
40
49.5
fs
f = 156.25 MHz, slew rate ≥ 1.5 V/ns
47.1
63.2
fs
Additive 12 kHz to 20 MHz RMS jitter
f = 312.5 MHz, slew rate ≥ 3.5 V/ns
19.3
29
fs
f = 312.5 MHz, slew rate ≥ 1.5 V/ns
24.6
42
fs
Additive 12 kHz to 70 MHz RMS jitter
f = 312.5 MHz, slew rate ≥ 3.5 V/ns
29.5
42.5
fs
f = 312.5 MHz, slew rate ≥ 1.5 V/ns
36
60
fs
SUPPLY CURRENT CHARACTERISTICS
IDD,total
LMKDB1102 total supply current
All outputs running, f0 = 100 MHz
41
mA
IDD,total
LMKDB1104FS total supply current
All outputs running, f0 = 100 MHz
54
mA
IDD,total
LMKDB1104 total supply current
All outputs running, f0 = 100 MHz
54
mA
IDD,total
LMKDB1108FS total supply current
All outputs running, f0 = 100 MHz
85.7
mA
IDD,total
LMKDB1108 total supply current
All outputs running, f0 = 100 MHz
85.7
mA
IDD,total
LMKDB1112 total supply current
All outputs running, f0 = 100 MHz
113.5
mA
IDD,total
LMKDB1113 total supply current
All outputs running, f0 = 100 MHz
119.5
mA
IDD,total
LMKDB1120FS total supply current
All outputs running, f0 = 100 MHz
162
mA
IDD,total
LMKDB1120 total supply current
All outputs running, f0 = 100 MHz
162
mA
IDD,core
LMKDB1102 core supply current
Pin PWRGD/PWRDN# = high, all outputs
disabled
25.5
mA
IDD,core
LMKDB1104FS core supply current
Pin PWRGD/PWRDN# = high, all outputs
disabled
36.3
mA
IDD,core
LMKDB1104 core supply current
Pin PWRGD/PWRDN# = high, all outputs
disabled
25.5
mA
IDD,core
LMKDB1108FS core supply current
Pin PWRGD/PWRDN# = high, all outputs
disabled
36.3
mA
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
www.ti.com
30
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com