Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 38 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 38 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 34Page - Texas Instruments LMKDB1120FS Datasheet HTML 35Page - Texas Instruments LMKDB1120FS Datasheet HTML 36Page - Texas Instruments LMKDB1120FS Datasheet HTML 37Page - Texas Instruments LMKDB1120FS Datasheet HTML 38Page - Texas Instruments LMKDB1120FS Datasheet HTML 39Page - Texas Instruments LMKDB1120FS Datasheet HTML 40Page - Texas Instruments LMKDB1120FS Datasheet HTML 41Page - Texas Instruments LMKDB1120FS Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 133 page
background image
CLK1_P
CLK1_N
CLK2_P
LOS#
Input
Detection
Digital Control
(Glitchless Output Active/
Inactive control, Output
Impedance control)
CLK2_N
CLKIN_P
CLKIN_N
OE1#
OE2#
ZOUT_SEL
Figure 8-2. LMKDB1102 Functional Block Diagram
8.3 Feature Description
8.3.1 Input Features
8.3.1.1 Running Input Clocks When Device is Powered Off
The device supports running input clocks when power is off. This is different than the fail-safe feature where the
input can be pulled to static VDD when device power is off. This is useful if clock inputs are available before
power is provided to the clock buffer.
8.3.1.2 Fail-Safe Inputs
All clock input pins and digital input pins support fail-safe. Fail-safe means a pin can be driven to VDD when
device power is off, without causing any leakage or reliability problem. For example, an OE# pin can be driven
to VDD before device power is up so that the output stays muted until the OE# pin goes low, sometime after
power-up.
8.3.1.3 Input Configurations
LMKDB11xx devices input buffer stage supports four different configurations:
• DC coupled HCSL inputs.
• DC coupled LVDS input signal with external 100Ω termination resistor.
• AC coupled inputs with internal self-bias. See AC-Coupled or DC-Coupled Clock Inputs for more details.
• Internal 50Ω to ground terminations. See Internal Termination for Clock Inputs for more details.
All the devices with two inputs have individual AC coupling and input termination option. To configure each input,
refer to register map for configuration bits.
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
www.ti.com
38
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com