Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 64 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 64 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 60Page - Texas Instruments LMKDB1120FS Datasheet HTML 61Page - Texas Instruments LMKDB1120FS Datasheet HTML 62Page - Texas Instruments LMKDB1120FS Datasheet HTML 63Page - Texas Instruments LMKDB1120FS Datasheet HTML 64Page - Texas Instruments LMKDB1120FS Datasheet HTML 65Page - Texas Instruments LMKDB1120FS Datasheet HTML 66Page - Texas Instruments LMKDB1120FS Datasheet HTML 67Page - Texas Instruments LMKDB1120FS Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 133 page
background image
Table 9-43. R17 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:4
AMP
R/W
6h
Global Differential output Control = 0.6V to approximately 1V
25mV/step Default = 0.75V
0h = 600mV
1h = 625mV
2h = 650mV
3h = 675mV
4h = 700mV
5h = 725mV
6h = 750mV
7h = 775mV
8h = 800mV
9h = 825mV
Ah = 850mV
Bh = 875mV
Ch = 900mV
Dh = 925mV
Eh = 950mV
Fh = 975mV
3:0
RESERVED
R
0h
Reserved bits
9.2.14 R18 Register (Offset = 12h) [Reset = 08h]
R18 is shown in Table 9-44.
Return to the Summary Table.
Table 9-44. R18 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
d_RX_EN_AC_INPUT
R/W
0h
Enable receiver bias when CLKIN is AC coupled
0h = DC coupled input
1h = AC coupled input
6
d_RX_EN_RTERM_LSB
R/W
0h
Enable termination resistors on CLKIN
0h = Input Termination R is disabled
1h = Input Termination R is enabled
5:4
RESERVED
R
0h
Reserved bits
3
PD_RESTOREB
R/W
1h
Save Configuration in Power Down
0h = Config Cleared
1h = Config Saved
2:1
RESERVED
R
0h
Reserved bits
0
LOSb_RB
R
0h
Real time read back of loss detect block output
0h = LOS event detected
1h = NO LOS event detected
9.2.15 R20 Register (Offset = 14h) [Reset = B7h]
R20 is shown in Table 9-45.
Return to the Summary Table.
Table 9-45. R20 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
SLEWRATE_SEL_CLK5_
_MSB
R/W
1h
MSB CLK5 slew rate select
6
RESERVED
R
0h
Reserved bits
5
SLEWRATE_SEL_CLK4_
_MSB
R/W
1h
MSB CLK4 slew rate select
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
www.ti.com
64
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com