Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 90 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 90 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 86Page - Texas Instruments LMKDB1120FS Datasheet HTML 87Page - Texas Instruments LMKDB1120FS Datasheet HTML 88Page - Texas Instruments LMKDB1120FS Datasheet HTML 89Page - Texas Instruments LMKDB1120FS Datasheet HTML 90Page - Texas Instruments LMKDB1120FS Datasheet HTML 91Page - Texas Instruments LMKDB1120FS Datasheet HTML 92Page - Texas Instruments LMKDB1120FS Datasheet HTML 93Page - Texas Instruments LMKDB1120FS Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 133 page
background image
9.5 LMKDB1104 and LMKDB1104FS Registers
Table 9-103 lists the memory-mapped registers for the LMKDB1104 and LMKDB1104FS registers. All register
offset addresses not listed in Table 9-103 must be considered as reserved locations and the register contents
must not be modified.
Table 9-103. LMKDB1104 and LMKDB1104FS Registers
Offset
Acronym
Register Name
Section
0h
R0
Output Enable Control for CLK2 and CLK3
Section 9.5.1
1h
R1
Output Enable Control for CLK0 and CLK1
Section 9.5.2
2h
R2
OE Pin Readback for CLK2 and CLK3
Section 9.5.3
3h
R3
OE Pin Readback for CLK0 and CLK1
Section 9.5.4
4h
R4
Readback status of SBI_EN and CLKIN AOD Enable
Control
Section 9.5.5
5h
R5
Device Info
Section 9.5.6
6h
R6
Device Info (cont.)
Section 9.5.7
7h
R7
SMBus Byte Counter
Section 9.5.8
8h
R8
Mask off Side-Band Disable for CLK3 and CLK2
Section 9.5.9
9h
R9
Mask off Side-Band Disable for CLK1 and CLK0
Section 9.5.10
Bh
R11
Readback of Side-Band Disable for CLK3 and CLK2
Section 9.5.11
Ch
R12
Readback of Side-Band Disable for CLK1 and CLK0
Section 9.5.12
11h
R17
Output Amplitude
Section 9.5.13
12h
R18
Input Configuration, Save Config in PD, Slew Rate select
mode, SMB SDATA Monitoring, and LOS Readback
Section 9.5.14
14h
R20
Output Slew Rate Select MSB for CLK2 and CLK3
Section 9.5.15
15h
R21
Output Slew Rate Select MSB for CLK0 and CLK1
Section 9.5.16
26h
R38
Non-clearable SMBUS Write Lock
Section 9.5.17
27h
R39
LOS Event Status and Clearable SMBus Write Lock
Section 9.5.18
5Bh
R91
Slew Rate Speed Options 1 and 2 Assignments
Section 9.5.19
5Ch
R92
Slew Rate Speed Options 3 and 4 Assignments
Section 9.5.20
62h
R98
Output Slew Rate Select LSB for CLK0 and CLK1
Section 9.5.21
63h
R99
Output Slew Rate Select LSB for CLK2 and CLK3
Section 9.5.22
Complex bit access types are encoded to fit into small table cells. Table 9-104 shows the codes that are used for
access types in this section.
Table 9-104. LMKDB1104 and LMKDB1104FS Access
Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
W1C
W
1C
Write
1 to clear
Reset or Default Value
-n
Value after reset or the default
value
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
www.ti.com
90
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com