Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 44 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 44 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 40Page - Texas Instruments LMKDB1120FS Datasheet HTML 41Page - Texas Instruments LMKDB1120FS Datasheet HTML 42Page - Texas Instruments LMKDB1120FS Datasheet HTML 43Page - Texas Instruments LMKDB1120FS Datasheet HTML 44Page - Texas Instruments LMKDB1120FS Datasheet HTML 45Page - Texas Instruments LMKDB1120FS Datasheet HTML 46Page - Texas Instruments LMKDB1120FS Datasheet HTML 47Page - Texas Instruments LMKDB1120FS Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 133 page
background image
1
7
1
1
8
1
1
S
Peripheral Address
A
Data Byte
A
P
MSB
LSB
MSB
LSB
S
Start Condition
Sr
Repeated Start Condition
1 = Read (Rd); 0 = Write (Wr)
A
Acknowledge (ACK = 0 and NACK =1)
P
Stop Condition
Controller-to-Peripheral Transmission
Peripheral-to-Controller Transmission
R/W
R/W
Figure 8-7. Generic Programming Sequence
1
7
1
1
8
1
1
1
S
Peripheral Address
Wr
A
A
A
P
Data Byte
CommandCode
8
Figure 8-8. Byte Write Protocol
1
7
1
1
8
1
S
Peripheral Address
Wr
A
A
CommandCode
1
S
7
1
1
Peripheral Address
Rd
A
8
1
A
Data Byte
1
P
1
Figure 8-9. Byte Read Protocol
1
7
1
1
1
1
S
Peripheral Address
Wr
A
A
A
8
1
1
1
1
Data Byte 0
A
A
A
P
8
Data Byte N-1
…
8
Data Byte 1
8
CommandCode
Byte Count = N
8
Figure 8-10. Block Write Protocol
1
7
1
1
8
1
S
Peripheral Address
Wr
A
A
CommandCode
1
S
7
1
1
Peripheral Address
Rd
A
8
1
A
Data Byte N
1
1
A
1
Data Byte 0
8
8
1
A
Data Byte N-1
1
P
1
Figure 8-11. Block Read Protocol
8.4.2 SBI Mode
Side-Band Interface (SBI) is a simple 3-wire or 4-wire serial interface which consists of SHFT_LD#, SBI_IN,
SBI_CLK and SBI_OUT (optional) pins. When the SHFT_LD# pin is high, the rising edge of SBI_CLK clocks
SBI_IN into a shift register. After shifting data, the falling edge of SHFT_LD# loads the shift register contents into
the output register. SBI registers can be shifted out through SBI_OUT pin to form daisy chain topology.
Enabling SBI mode does not disable SMBus. SBI registers can be accessed while PWRGD/PWRDN# pin is low.
Do not change SBI_EN pin state after power-up.
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
www.ti.com
44
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com