Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 11 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 7Page - Texas Instruments LMKDB1120FS Datasheet HTML 8Page - Texas Instruments LMKDB1120FS Datasheet HTML 9Page - Texas Instruments LMKDB1120FS Datasheet HTML 10Page - Texas Instruments LMKDB1120FS Datasheet HTML 11Page - Texas Instruments LMKDB1120FS Datasheet HTML 12Page - Texas Instruments LMKDB1120FS Datasheet HTML 13Page - Texas Instruments LMKDB1120FS Datasheet HTML 14Page - Texas Instruments LMKDB1120FS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 133 page
background image
1
2
3
4
5
6
7
8
9
10
A
B
C
D
E
F
G
H
J
K
Not to scale
LOS#
CLK0_N
CLK0_P
CLK1_N
CLK1_P
CLK2_N
CLK2_P
CLK3_N
CLK3_P
^/vOE4#
/SBI_CLK
^vSADR1
_tri
NC
^OE0#
^OE1#
VDDCLK
NC
^/vOE2#
/SBI_OUT
^OE3#
NC
CLK4_N
^vSADR0
_tri
^SLEWRAT
E_SEL
VDDCLK
CLK4_P
SMB_CLK
SMB_DATA
GND
GND
GND
GND
NC
CLK5_N
CLKIN_P
NC
GND
GND
GND
GND
^OE5#
CLK5_P
CLKIN_N
VDDA
GND
GND
GND
GND
NC
CLK6_N
^OE11#
NC
GND
GND
GND
GND
^OE6#
CLK6_P
CLK11_P
VDDCLK
VDDCLK
CLK7_N
CLK11_N
NC
VDDCLK
^OE10#
/SHFT_LD#
NC
^OE9#
NC
^OE8#
NC
CLK7_P
vSBI_EN
^PWRGD
/PWRDN#
NC
CLK10_P
CLK10_N
CLK9_P
CLK9_N
CLK8_P
CLK8N
^/vOE7#
/SBI_IN
Figure 5-3. LMKDB1112 5mm × 5mm Package 64 Pin LGA Top View
Legend
CLOCK INPUTS
CLOCK OUTPUTS
POWER
GND
LOGIC CONTROLS / STATUS
NO CONNECT
Table 5-3. LMKDB1112 Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME(2) (3)
NO.
CLOCK INPUTS
CLKIN_P
E1
I
Differential clock input.
CLKIN_N
F1
I
CLOCK OUTPUTS
www.ti.com
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com