Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 9 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 5Page - Texas Instruments LMKDB1120FS Datasheet HTML 6Page - Texas Instruments LMKDB1120FS Datasheet HTML 7Page - Texas Instruments LMKDB1120FS Datasheet HTML 8Page - Texas Instruments LMKDB1120FS Datasheet HTML 9Page - Texas Instruments LMKDB1120FS Datasheet HTML 10Page - Texas Instruments LMKDB1120FS Datasheet HTML 11Page - Texas Instruments LMKDB1120FS Datasheet HTML 12Page - Texas Instruments LMKDB1120FS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 133 page
background image
Table 5-2. LMKDB1113 Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME(2) (3)
NO.
CLK0_P
12
O
LP-HCSL differential clock output 0. No connect if unused.
CLK0_N
13
O
CLK1_P
18
O
LP-HCSL differential clock output 1. No connect if unused.
CLK1_N
19
O
CLK2_P
20
O
LP-HCSL differential clock output 2. No connect if unused.
CLK2_N
21
O
CLK3_P
23
O
LP-HCSL differential clock output 3. No connect if unused.
CLK3_N
24
O
CLK4_P
26
O
LP-HCSL differential clock output 4. No connect if unused.
CLK4_N
27
O
CLK5_P
31
O
LP-HCSL differential clock output 5. No connect if unused.
CLK5_N
32
O
CLK6_P
34
O
LP-HCSL differential clock output 6. No connect if unused.
CLK6_N
35
O
CLK7_P
37
O
LP-HCSL differential clock output 7. No connect if unused.
CLK7_N
38
O
CLK8_P
39
O
LP-HCSL differential clock output 8. No connect if unused.
CLK8_N
40
O
CLK9_P
43
O
LP-HCSL differential clock output 9. No connect if unused.
CLK9_N
44
O
CLK10_P
47
O
LP-HCSL differential clock output 10. No connect if unused.
CLK10_N
48
O
CLK11_P
50
O
LP-HCSL differential clock output 11. No connect if unused.
CLK11_N
51
O
CLK12_P
53
O
LP-HCSL differential clock output 12. No connect if unused.
CLK12_N
54
O
POWER
VDDA
7
P
Analog power supply. Additional power supply filtering is recommended. See Section 10.3
for details.
VDDCLK
11, 16, 30, 41,
49,
P
Output power supply
Thermal Pad (GND)
Pad
G
Device Ground, Thermal pad.
LOGIC CONTROLS / STATUS
^OE0#
10
I
Active low input to control CLK0. Internal pullup resistor.
0 = Output Active, 1 = Output Inactive
^/vOE1#/
SHFT_LD#
17
I
Active low input to control CLK1 or SBI active low shift register load pin. SBI_EN pin
controls function of this pin. OE mode with internal pullup: 0 = Active output, 1 = Inactive
output.
Side-Band Mode with internal pulldown: SBI latch register input.
^OE2#
22
I
Active low input to control CLK2. Internal pullup resistor.
0 = Output Active, 1 = Output Inactive
^OE3#
25
I
Active low input to control CLK3. Internal pullup resistor.
0 = Output Active, 1 = Output Inactive
^OE4#
28
I
Active low input to control CLK4. Internal pullup resistor.
0 = Output Active, 1 = Output Inactive
www.ti.com
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com