Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 82 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 82 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 78Page - Texas Instruments LMKDB1120FS Datasheet HTML 79Page - Texas Instruments LMKDB1120FS Datasheet HTML 80Page - Texas Instruments LMKDB1120FS Datasheet HTML 81Page - Texas Instruments LMKDB1120FS Datasheet HTML 82Page - Texas Instruments LMKDB1120FS Datasheet HTML 83Page - Texas Instruments LMKDB1120FS Datasheet HTML 84Page - Texas Instruments LMKDB1120FS Datasheet HTML 85Page - Texas Instruments LMKDB1120FS Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 133 page
background image
Table 9-83. R2 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5
RB_OEb_4
R
0h
Status of OEb4
4
RESERVED
R
0h
Reserved
3
RB_OEb_5
R
0h
Status of OEb5
2
RB_OEb_6
R
0h
Status of OEb6
1
RB_OEb_7
R
0h
Status of OEb7
0
RESERVED
R
0h
Reserved
9.4.4 R3 Register (Offset = 3h) [Reset = 00h]
R3 is shown in Table 9-84.
Return to the Summary Table.
Table 9-84. R3 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:6
RESERVED
R
0h
Reserved
5
RB_OEb_0
R
0h
Status of OEb0
4:3
RESERVED
R
0h
Reserved
2
RB_OEb_1
R
0h
Status of OEb1
1:0
RESERVED
R
0h
Reserved
9.4.5 R4 Register (Offset = 4h) [Reset = 10h]
R4 is shown in Table 9-85.
Return to the Summary Table.
Table 9-85. R4 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:5
RESERVED
R
0h
Reserved
4
AOD_ENABLE
R/W
1h
Enable automatic output disable (AOD) to low/low when LOS event
is detected. Refer to section "Automatic Output Disable" for more
information.
0h = Disabled (DC Coupled)
1h = Enabled (AC Coupled)
3:1
RESERVED
R
0h
Reserved
0
RB_SBI_ENQ
R
0h
Status of SBI_ENQ
9.4.6 R5 Register (Offset = 5h) [Reset = 0Ah]
R5 is shown in Table 9-86.
Return to the Summary Table.
Table 9-86. R5 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:4
REV_ID
R
0h
Revision ID
3:0
VENDOR_ID
R
Ah
Vendor ID
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
www.ti.com
82
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com