Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 1 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 1 Page - Texas Instruments

  LMKDB1120FS Datasheet HTML 1Page - Texas Instruments LMKDB1120FS Datasheet HTML 2Page - Texas Instruments LMKDB1120FS Datasheet HTML 3Page - Texas Instruments LMKDB1120FS Datasheet HTML 4Page - Texas Instruments LMKDB1120FS Datasheet HTML 5Page - Texas Instruments LMKDB1120FS Datasheet HTML 6Page - Texas Instruments LMKDB1120FS Datasheet HTML 7Page - Texas Instruments LMKDB1120FS Datasheet HTML 8Page - Texas Instruments LMKDB1120FS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 133 page
background image
LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
1 Features
• LP-HCSL clock buffer and clock MUX that support:
– PCIe Gen 1 to Gen 7
– CC (Common Clock) and IR (Independent
Reference) PCIe architectures
– Input clock with or without SSC
• Intel DB2000QL and DB1206 compliant:
– All devices meet DB2000QL specifications
– LMKDB1120 is pin-compatible to DB2000QL
– LMKDB1112 is pin-compatible to DB1206
• Extremely low additive jitter:
– 31fs maximum 12kHz to 20MHz RMS additive
jitter at 156.25MHz
– 13fs maximum additive jitter for PCIe Gen 4
– 5fs maximum additive jitter for PCIe Gen 5
– 3fs maximum additive jitter for PCIe Gen 6
– 2.1fs maximum additive jitter for PCIe Gen 7
• Fail-safe input
• Fail-safe outputs (LMKDB1120FS, LMKDB1108FS
and LMKDB1104FS only)
• Flexible power-up sequence
• Automatic output disable
• Individual output enable
• SBI (Side Band Interface) for high-speed output
enable or disable
• LOS (Loss of Signal) input detection
• 85Ω or 100Ω output impedance
• 1.8V / 3.3V ± 10% power supply
• –40°C to 105°C ambient temperature
2 Applications
• High Performance Computing
• Server Motherboard
• NIC/SmartNIC
• Hardware Accelerator
3 Description
The LMKDB devices are a family of extremely-low-
jitter LP-HCSL buffers that support PCIe Gen 1 to
Gen 7 and are DB2000QL compliant. The devices
provide flexible power-up sequence, fail-safe inputs,
fail-safe outputs, individual output active and inactive
pins, loss of input signal (LOS) detection and
automatic output disable features, as well as excellent
power supply noise rejection performance.
Both 1.8V and 3.3V supply voltages are supported.
For LMKDB1120, 1.8V power supply saves 250mW
power compared to 3.3V.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
LMKDB1120 /
LMKDB1120FS
NPP (TLGA, 80)
6mm × 6mm
LMKDB1113 (3)
REJ (VQFN, 56)
7mm × 7mm
LMKDB1112
ZSF (LGA, 64)
5mm × 5mm
LMKDB1108 /
LMKDB1108FS
RKP (VQFN, 40)
5mm × 5mm
LMKDB1104 /
LMKDB1104FS
REX (VQFN, 28)
4mm × 4mm
LMKDB1102
REY (VQFN, 20)
3mm × 3mm
(1)
For all available packages, see Section 13.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
Preview only.
LMKDB family
PCIe Clock Buffer
SMBus
Control
OE#
Control
PCIe PHY
PCIe PHY
PCIe PHY
PCIe PHY
LP-HCSL
PCIe PHY
PCIe PHY
PCIe Device
Side-Band
Interface
Control Interface
PCIe Clock Source
Typical Application
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMKDB1120FS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMKDB1120FS TI2-LMKDB1120FS Datasheet
5Mb / 95P
LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
REVISED AUGUST 2025
LMKDB1120FS TI2-LMKDB1120FS Datasheet
6Mb / 126P
LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
REVISED NOVEMBER 2025
LMKDB1120FS85 TI2-LMKDB1120FS85 Datasheet
5Mb / 95P
LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
REVISED AUGUST 2025
LMKDB1120FS85 TI2-LMKDB1120FS85 Datasheet
6Mb / 126P
LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
REVISED NOVEMBER 2025
LMKDB1120FS85 TI2-LMKDB1120FS85 Datasheet
2Mb / 69P
LMKDB12xx PCIe Gen 1 to Gen 7 Ultra Low Jitter 2 Input Clock MUX
REVISED APRIL 2026
More results

Similar Description - LMKDB1120FS

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9DB403D IDT-ICS9DB403D Datasheet
278Kb / 19P
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
logo
Texas Instruments
CDCDB2000 TI1-CDCDB2000 Datasheet
556Kb / 33P
CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
CDCDB800 TI-CDCDB800 Datasheet
1Mb / 31P
CDCDB800 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
CDCDB400 TI-CDCDB400 Datasheet
2Mb / 33P
CDCDB400 DB800ZL-Compliant 4-Output Clock Buffer for PCIe Gen 1 to Gen 5
SNAS833 ??NOVEMBER 2021
CDCDB803 TI-CDCDB803 Datasheet
1Mb / 31P
CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
SNAS820 ??AUGUST 2021
logo
Microsemi Corporation
ZL40293 MICROSEMI-ZL40293 Datasheet
902Kb / 29P
20-Output PCIe Gen 1, 2 ,3, 4 and 5 Buffer with Ultra-Low Additive Jitter
March 2019
logo
Renesas Technology Corp
ICS9DB403D RENESAS-ICS9DB403D Datasheet
349Kb / 20P
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
2019
logo
Skyworks Solutions Inc.
SI53102-A1 SKYWORKS-SI53102-A1 Datasheet
756Kb / 15P
PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
logo
Texas Instruments
CDCDB803 TI1-CDCDB803_V01 Datasheet
1Mb / 34P
CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 6
REVISED MAY 2022
LMKDB1120 TI-LMKDB1120 Datasheet
2Mb / 70P
LMKDB1120 and LMKDB1108 Ultra-Low Jitter PCIe Gen 1 to Gen 6 LP-HCSL Clock Buffers
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com