Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 3 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 3 Page - Texas Instruments

  LMKDB1120FS Datasheet HTML 1Page - Texas Instruments LMKDB1120FS Datasheet HTML 2Page - Texas Instruments LMKDB1120FS Datasheet HTML 3Page - Texas Instruments LMKDB1120FS Datasheet HTML 4Page - Texas Instruments LMKDB1120FS Datasheet HTML 5Page - Texas Instruments LMKDB1120FS Datasheet HTML 6Page - Texas Instruments LMKDB1120FS Datasheet HTML 7Page - Texas Instruments LMKDB1120FS Datasheet HTML 8Page - Texas Instruments LMKDB1120FS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 133 page
background image
4 Device Comparison
Table 4-1. Device Comparison
PART NUMBER
Type
Input
Output
Output
Impedance
Features
LMKDB1120Z85
Buffer
1
20
85Ω
All inputs fail-safe
LMKDB1120FS85
Buffer
1
20
85Ω
All inputs and outputs fail-safe
LMKDB1120Z100
Buffer
1
20
100Ω
All inputs fail-safe
LMKDB1116Z85 (1)
Buffer
1
16
85Ω
All inputs fail-safe
LMKDB1116Z100 (1)
Buffer
1
16
100Ω
All inputs fail-safe
LMKDB1113Z85 (1)
Buffer
1
13
85Ω
All inputs fail-safe
LMKDB1113Z100 (1)
Buffer
1
13
100Ω
All inputs fail-safe
LMKDB1112Z85
Buffer
1
12
85Ω
All inputs fail-safe
LMKDB1112Z100
Buffer
1
12
100Ω
All inputs fail-safe
LMKDB1108Z85
Buffer
1
8
85Ω
All inputs fail-safe
LMKDB1108FS85
Buffer
1
8
85Ω
All inputs and outputs fail-safe
LMKDB1108Z100
Buffer
1
8
100Ω
All inputs fail-safe
LMKDB1104Z85
Buffer
1
4
85Ω
All inputs fail-safe
SNDB1104Z85 (1)
Buffer
1
4
85Ω
All inputs fail-safe, 950mV swing
LMKDB1104FS85
Buffer
1
4
85Ω
All inputs and outputs fail-safe
LMKDB1104Z100
Buffer
1
4
100Ω
All inputs fail-safe
LMKDB1102
Buffer
1
2
85Ω or 100Ω
Selectable
All inputs fail-safe
LMKDB1216 (1)
Mux
2
16
85Ω or 100Ω
Selectable
All inputs fail-safe
LMKDB1208 (1)
Mux
2
8
85Ω or 100Ω
Selectable
All inputs fail-safe
LMKDB1204
Mux
2
4
85Ω or 100Ω
Selectable
All inputs fail-safe
LMKDB1202
Mux
2
2
85Ω or 100Ω
Selectable
All inputs fail-safe
(1)
Preview only. Contact TI for more details.
www.ti.com
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com