Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 100 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 100 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 96Page - Texas Instruments LMKDB1120FS Datasheet HTML 97Page - Texas Instruments LMKDB1120FS Datasheet HTML 98Page - Texas Instruments LMKDB1120FS Datasheet HTML 99Page - Texas Instruments LMKDB1120FS Datasheet HTML 100Page - Texas Instruments LMKDB1120FS Datasheet HTML 101Page - Texas Instruments LMKDB1120FS Datasheet HTML 102Page - Texas Instruments LMKDB1120FS Datasheet HTML 103Page - Texas Instruments LMKDB1120FS Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 133 page
background image
The maximum PCIe Gen 5 additive jitter allowed for the buffer is sqrt(502 – 452) = 21 fs. According to the
Specifications under the Electrical Characteristics table, the additive PCIe Gen 5 jitter under Common Clock
and ≥3.5V/ns input slew rate test condition is 13fs maximum, well below 21fs requirement. Therefore, the
LMKDB1120 (20 outputs) can be used for PCIe Gen 5 clock distribution.
Similarly, the maximum 12kHz to 20MHz additive jitter allowed at 156.25MHz is sqrt(1002 – 902) = 43fs.
According to the Specifications under the Electrical Characteristics table, the 12kHz to 20MHz additive jitter at
156.25MHz is 31fs maximum, well below the 43fs requirement. Therefore, the LMKDB1108 (8 outputs) can be
used for Ethernet clock distribution.
10.2.3 Application Curves
The following plots are example phase noise plots before and after using the LMKDB at 156.25MHz,
respectively. The LMKDB clock buffer adds a 22fs (typical) jitter from 12kHz to 20MHz. All LMKDB devices
have very similar performance.
To better understand jitter and how the additive jitter of the LMKDB resulted in 22fs refer to Timing is Everything:
How to measure additive jitter TI blog post.
Figure 10-2. Input Source at 156.25MHz (12kHz -
20MHz)
See Note 1 and 2 in Graph Notes table
Figure 10-3. LMKDB11xx/120x Phase Noise /
Output Jitter at 156.25MHz (12kHz - 20MHz)
Table 10-2. Graph Notes
NOTE
(1)
The typical RMS jitter values in the plots show the total output RMS jitter (JOUT) for each frequency and the source clock RMS
jitter (JSOURCE). From these values, the Additive RMS Jitter can be calculated as: JADD = SQRT(JOUT 2 – JSOURCE 2).
(2)
JADD at 156.25MHz = SQRT(33.92- 25.82) = 22.0 fs
10.3 Power Supply Recommendations
Place a 0.1μF capacitor close to every power supply pin. To minimize noise on VDDA, VDD_IN0 and VDD_IN1,
place a 2.2Ω resistor next to the pins. All supply pins can be grouped onto one power rail. TI recommends a
Ferrite Bead and a 10µF capacitor to GND for the entire chip. Figure 10-4 and Figure 10-5 shows an example
power schematic.
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
www.ti.com
100
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com