Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 101 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 101 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 97Page - Texas Instruments LMKDB1120FS Datasheet HTML 98Page - Texas Instruments LMKDB1120FS Datasheet HTML 99Page - Texas Instruments LMKDB1120FS Datasheet HTML 100Page - Texas Instruments LMKDB1120FS Datasheet HTML 101Page - Texas Instruments LMKDB1120FS Datasheet HTML 102Page - Texas Instruments LMKDB1120FS Datasheet HTML 103Page - Texas Instruments LMKDB1120FS Datasheet HTML 104Page - Texas Instruments LMKDB1120FS Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 133 page
background image
LMKDB11XX
VDDA
VDD
VDD
VDD
VDD
VDD
0.1 μF
0.1 μF
0.1 μF
0.1 μF
0.1 μF
0.1 μF
1.8-V or 3.3-V
2.2
± 1%
Ferrite
Bead
10 μF
Figure 10-4. Power Supply Recommendation for
LMKDB11XX Buffer
LMKDB12XX
VDDA
VDD_IN0
VDD_IN1
VDD_BANK0
VDD_BANK1
VDD_DIG
0.1 μF
0.1 μF
0.1 μF
0.1 μF
0.1 μF
0.1 μF
1.8-V or 3.3-V
2.2
± 1%
Ferrite
Bead
10 μF
2.2
± 1%
2.2
± 1%
Figure 10-5. Power Supply Recommendation for
LMKDB12XX MUX
If both inputs are used for a MUX device and the two inputs have different frequencies (including PCIe SSC and
PCIe No SSC), then isolate the inputs and corresponding output banks by adding more Ferrite Beads.
www.ti.com
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
101
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com