Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 6 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 2Page - Texas Instruments LMKDB1120FS Datasheet HTML 3Page - Texas Instruments LMKDB1120FS Datasheet HTML 4Page - Texas Instruments LMKDB1120FS Datasheet HTML 5Page - Texas Instruments LMKDB1120FS Datasheet HTML 6Page - Texas Instruments LMKDB1120FS Datasheet HTML 7Page - Texas Instruments LMKDB1120FS Datasheet HTML 8Page - Texas Instruments LMKDB1120FS Datasheet HTML 9Page - Texas Instruments LMKDB1120FS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 133 page
background image
Table 5-1. LMKDB1120 and LMKDB1120FS Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME(2) (3)
NO.
VDDCLK
B2, B6, B11,
L2, L11
P
Output power supply
Thermal Pad (GND)
Pad
G
Device Ground, Thermal pad.
LOGIC CONTROLS / STATUS
vOE0#/NC
J2
I
Active low input to control CLK0. Internal pulldown resistor. This pin can be left no connect
to match with DB2000QL pinout.
0 = Output Active, 1 = Output Inactive
vOE1#/NC
K2
I
Active low input to control CLK1. Internal pulldown resistor. This pin can be left no connect
to match with DB2000QL pinout.
0 = Output Active, 1 = Output Inactive
vOE2#/NC
L3
I
Active low input to control CLK2. Internal pulldown resistor. This pin can be left no connect
to match with DB2000QL pinout.
0 = Output Active, 1 = Output Inactive
vOE3#/NC
L6
I
Active low input to control CLK3. Internal pulldown resistor. This pin can be left no connect
to match with DB2000QL pinout.
0 = Output Active, 1 = Output Inactive
vOE4#/NC
L9
I
Active low input to control CLK4. Internal pulldown resistor. This pin can be left no connect
to match with DB2000QL pinout.
0 = Output Active, 1 = Output Inactive
vOE5#/SBI_IN
L8
I
Active low input to control CLK5 or SBI data input pin. SBI_EN pin controls function of this
pin. Internal pulldown resistor.
OE mode: 0 = Active output, 1 = Inactive output.
Side-Band Mode: SBI data input.
vOE6#/SBI_CLK
L10
I
Active low input to control CLK6 or SBI clock input pin. SBI_EN pin controls function of this
pin. Internal pulldown resistor.
OE mode: 0 = Active output, 1 = Inactive output.
Side-Band Mode: SBI clock input.
vOE7#
K11
I
Active low input to control CLK7. Internal pulldown resistor.
0 = Output Active, 1 = Output Inactive
vOE8#
H11
I
Active low input to control CLK8. Internal pulldown resistor.
0 = Output Active, 1 = Output Inactive
vOE9#
E12
I
Active low input to control CLK9. Internal pulldown resistor.
0 = Output Active, 1 = Output Inactive
vOE10#/SHFT_LD#
E11
I
Active low input to control CLK10 or SBI active low shift register load pin. SBI_EN pin
controls function of this pin. Internal pulldown resistor.
OE mode: 0 = Active output, 1 = Inactive output.
Side-Band Mode: SBI shift register load input.
vOE11#
C11
I
Active low input to control CLK11. Internal pulldown resistor.
0 = Output Active, 1 = Output Inactive
vOE12#
B10
I
Active low input to control CLK12. Internal pulldown resistor.
0 = Output Active, 1 = Output Inactive
vOE13#/NC
B9
I
Active low input to control CLK13. Internal pulldown resistor. This pin can be left no
connect to match with DB2000QL pinout.
0 = Output Active, 1 = Output Inactive
OE14#/NC
B7
I
Active low input to control CLK14. Internal pulldown resistor. This pin can be left no
connect to match with DB2000QL pinout.
0 = Output Active, 1 = Output Inactive
vOE15#/NC
B5
I
Active low input to control CLK15. Internal pulldown resistor. This pin can be left no
connect to match with DB2000QL pinout.
0 = Output Active, 1 = Output Inactive
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
www.ti.com
6
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com