Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 83 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 83 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 79Page - Texas Instruments LMKDB1120FS Datasheet HTML 80Page - Texas Instruments LMKDB1120FS Datasheet HTML 81Page - Texas Instruments LMKDB1120FS Datasheet HTML 82Page - Texas Instruments LMKDB1120FS Datasheet HTML 83Page - Texas Instruments LMKDB1120FS Datasheet HTML 84Page - Texas Instruments LMKDB1120FS Datasheet HTML 85Page - Texas Instruments LMKDB1120FS Datasheet HTML 86Page - Texas Instruments LMKDB1120FS Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 133 page
background image
9.4.7 R6 Register (Offset = 6h) [Reset = 08h]
R6 is shown in Table 9-87.
Return to the Summary Table.
Table 9-87. R6 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
DEV_ID
R
8h
Device ID
9.4.8 R7 Register (Offset = 7h) [Reset = 07h]
R7 is shown in Table 9-88.
Return to the Summary Table.
Table 9-88. R7 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:5
RESERVED
R
0h
Reserved
4:0
SMBUS_BC
R/W
7h
SMBUS Block Read Byte Count
9.4.9 R8 Register (Offset = 8h) [Reset = 00h]
R8 is shown in Table 9-89.
Return to the Summary Table.
Table 9-89. R8 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
SBI_MASK_2
R/W
0h
Mask off Side-Band Disable for CLK2
6
SBI_MASK_3
R/W
0h
Mask off Side-Band Disable for CLK3
5
SBI_MASK_4
R/W
0h
Mask off Side-Band Disable for CLK4
4
RESERVED
R
0h
Reserved
3
SBI_MASK_5
R/W
0h
Mask off Side-Band Disable for CLK5
2
SBI_MASK_6
R/W
0h
Mask off Side-Band Disable for CLK6
1
SBI_MASK_7
R/W
0h
Mask off Side-Band Disable for CLK7
0
RESERVED
R
0h
Reserved
9.4.10 R9 Register (Offset = 9h) [Reset = 00h]
R9 is shown in Table 9-90.
Return to the Summary Table.
Table 9-90. R9 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:6
RESERVED
R
0h
Reserved
5
SBI_MASK_0
R/W
0h
Mask off Side-Band Disable for CLK0
4:3
RESERVED
R
0h
Reserved
2
SBI_MASK_1
R/W
0h
Mask off Side-Band Disable for CLK1
1:0
RESERVED
R
0h
Reserved
www.ti.com
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com