Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 10 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 6Page - Texas Instruments LMKDB1120FS Datasheet HTML 7Page - Texas Instruments LMKDB1120FS Datasheet HTML 8Page - Texas Instruments LMKDB1120FS Datasheet HTML 9Page - Texas Instruments LMKDB1120FS Datasheet HTML 10Page - Texas Instruments LMKDB1120FS Datasheet HTML 11Page - Texas Instruments LMKDB1120FS Datasheet HTML 12Page - Texas Instruments LMKDB1120FS Datasheet HTML 13Page - Texas Instruments LMKDB1120FS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 133 page
background image
Table 5-2. LMKDB1113 Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME(2) (3)
NO.
^/vOE5#/SBI_IN
29
I
Active low input to control CLK5 or SBI data input pin. SBI_EN pin controls function of this
pin.
OE mode with internal pullup: 0 = Active output, 1 = Inactive output.
Side-Band Mode with internal pulldown: SBI data input.
^OE6#
33
I
Active low input to control CLK6. Internal pullup resistor.
0 = Output Active, 1 = Output Inactive
^OE7#
36
I
Active low input to control CLK7. Internal pullup resistor.
0 = Output Active, 1 = Output Inactive
^/vOE8#/SBI_CLK
42
I
Active low input to control CLK9 or SBI clock input pin. SBI_EN pin controls function of this
pin.
OE mode with internal pullup: 0 = Active output, 1 = Inactive output.
Side-Band Mode with internal pulldown: SBI clock input.
^OE9#
45
I
Active low input to control CLK9. Internal pullup resistor.
0 = Output Active, 1 = Output Inactive
^OE10#/SBI_OUT
46
I or O
Active low input to control CLK10 or SBI data output pin. Internal pullup resistor. SBI_EN
pin controls function of this pin.
OE mode with an internal pullup: 0 = Active output, 1 = Inactive output.
SBI Mode: SBI shift register data output.
^OE11#
52
I
Active low input to control CLK11. Internal pullup resistor.
0 = Output Active, 1 = Output Inactive
^OE12#
55
I
Active low input to control CLK12. Internal pullup resistor.
0 = Output Active, 1 = Output Inactive
^PWRGD/PWRDN#
15
I
Power Good/Power Down Active Low. Multifunctional input pin. Internal pullup resistor.
On the first low-to-high transition, functions as Power Good pin which starts up the device
On the subsequent low/high transitions, functions as Power Down Active Low pin which
controls the device to enter or exit power-down mode.
Low = power-down mode
High = normal operation mode
vSBI_EN
14
I
SBI Enable. Internal pulldown resistor. Do not change the state of this pin after power-up.
Low at power-up = SBI interface disabled. Pin 20, 32, 48 and 55 function as OE pins.
High at power-up = SBI interface enabled. Pin 20, 32, 48 and 55 function as SBI interface
pins. SMBus and other OE pins remain functional.
^vSADR1_tri
3
I
SMBus Address 3-level input pin. Internal pullup and pulldown resistors.
^vSADR0_tri
4
I
SMBus Address 3-level input pin. Internal pullup and pulldown resistors.
^SLEWRATE_SEL
2
I
LP-HCSL differential clock output slew rate select pin. Internal pullup resistor.
Low = Slow slew rate.
High = Fast slew rate.
LOS#
1
O
Loss of Input Clock Signal Active Low/No Connect. Open drain. Requires external pullup
resistor.
Low = Invalid input clock.
High = Valid input clock.
SMB_DATA
5
I/O
SMBus Data. Requires external pullup resistor. No connect if unused.
SMB_CLK
6
I
SMBus Clock. Requires external pullup resistor. No connect if unused.
NC
56
NC
No connect.
(1)
I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power, NC = No Connect
(2)
Pins with a "^" prefix have an internal pullup resistor. Pins with a "v" prefix have an internal pulldown resistor. Pins with a "^v" have an
internal pullup resistor and an internal pulldown resistor so that mid level is selected when the pin is left floating.
(3)
The "#" symbol indicates active low.
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
www.ti.com
10
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com