Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 63 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 63 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 59Page - Texas Instruments LMKDB1120FS Datasheet HTML 60Page - Texas Instruments LMKDB1120FS Datasheet HTML 61Page - Texas Instruments LMKDB1120FS Datasheet HTML 62Page - Texas Instruments LMKDB1120FS Datasheet HTML 63Page - Texas Instruments LMKDB1120FS Datasheet HTML 64Page - Texas Instruments LMKDB1120FS Datasheet HTML 65Page - Texas Instruments LMKDB1120FS Datasheet HTML 66Page - Texas Instruments LMKDB1120FS Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 133 page
background image
Table 9-40. R9 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5
SBI_MASK_10
R/W
0h
Mask off Side-Band Disable for CLK10
4
RESERVED
R
0h
Reserved bits
3
SBI_MASK_9
R/W
0h
Mask off Side-Band Disable for CLK9
2
SBI_MASK_8
R/W
0h
Mask off Side-Band Disable for CLK8
1
SBI_MASK_7
R/W
0h
Mask off Side-Band Disable for CLK7
0
SBI_MASK_6
R/W
0h
Mask off Side-Band Disable for CLK6
9.2.11 R11 Register (Offset = Bh) [Reset = 00h]
R11 is shown in Table 9-41.
Return to the Summary Table.
Table 9-41. R11 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
SBI_CLK_5
R
0h
Readback of Side-Band Disable for CLK5
6
RESERVED
R
0h
Reserved bits
5
SBI_CLK_4
R
0h
Readback of Side-Band Disable for CLK4
4
SBI_CLK_3
R
0h
Readback of Side-Band Disable for CLK3
3
RESERVED
R
0h
Reserved bits
2
SBI_CLK_2
R
0h
Readback of Side-Band Disable for CLK2
1
SBI_CLK_1
R
0h
Readback of Side-Band Disable for CLK1
0
SBI_CLK_0
R
0h
Readback of Side-Band Disable for CLK0
9.2.12 R12 Register (Offset = Ch) [Reset = 00h]
R12 is shown in Table 9-42.
Return to the Summary Table.
Table 9-42. R12 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R
0h
Reserved bits
6
SBI_CLK_11
R
0h
Readback of Side-Band Disable for CLK11
5
SBI_CLK_10
R
0h
Readback of Side-Band Disable for CLK10
4
RESERVED
R
0h
Reserved bits
3
SBI_CLK_9
R
0h
Readback of Side-Band Disable for CLK9
2
SBI_CLK_8
R
0h
Readback of Side-Band Disable for CLK8
1
SBI_CLK_7
R
0h
Readback of Side-Band Disable for CLK7
0
SBI_CLK_6
R
0h
Readback of Side-Band Disable for CLK6
9.2.13 R17 Register (Offset = 11h) [Reset = 66h]
R17 is shown in Table 9-43.
Return to the Summary Table.
www.ti.com
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com