Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 70 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 70 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 66Page - Texas Instruments LMKDB1120FS Datasheet HTML 67Page - Texas Instruments LMKDB1120FS Datasheet HTML 68Page - Texas Instruments LMKDB1120FS Datasheet HTML 69Page - Texas Instruments LMKDB1120FS Datasheet HTML 70Page - Texas Instruments LMKDB1120FS Datasheet HTML 71Page - Texas Instruments LMKDB1120FS Datasheet HTML 72Page - Texas Instruments LMKDB1120FS Datasheet HTML 73Page - Texas Instruments LMKDB1120FS Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 133 page
background image
9.3 LMKDB1113 Registers
Table 9-54 lists the memory-mapped registers for the LMKDB1113 registers. All register offset addresses not
listed in Table 9-54 should be considered as reserved locations and the register contents should not be modified.
Table 9-54. LMKDB1113 Registers
Offset
Acronym
Register Name
Section
0h
R0
Output Enable Control for CLK7 through CLK12
Section 9.3.1
1h
R1
Output Enable Control for CLK0 through CLK6
Section 9.3.2
2h
R2
OE Pin Readback for CLK7 through CLK12
Section 9.3.3
3h
R3
OE Pin Readback for CLK0 through CLK6
Section 9.3.4
4h
R4
ACP Enable Control and SBI_EN Readback
Section 9.3.5
5h
R5
Device Info
Section 9.3.6
6h
R6
Device Info (cont.)
Section 9.3.7
7h
R7
SMBus Byte Counter
Section 9.3.8
8h
R8
SBI Mask for CLK7 through CLK12
Section 9.3.9
9h
R9
SBI Mask for CLK0 through CLK6
Section 9.3.10
Bh
R11
SBI Readback for CLK7 through CLK12
Section 9.3.11
Ch
R12
SBI Readback for CLK0 through CLK6
Section 9.3.12
11h
R17
Output Amplitude Control
Section 9.3.13
12h
R18
Input Receiver Bias and Termination Resistor Control
Section 9.3.14
14h
R20
Output Slew Rate Select MSB for CLK7 through CLK12
Section 9.3.15
15h
R21
Output Slew Rate Select MSB for CLK0 through CLK6
Section 9.3.16
26h
R38
Non-clearable SMBus Write Lock
Section 9.3.17
27h
R39
LOS Status and Clearable SMBus Write Lock
Section 9.3.18
5Bh
R91
Slew Rate Speed Options 1 and 2 Assignments
Section 9.3.19
5Ch
R92
Slew Rate Speed Options 3 and 4 Assignments
Section 9.3.20
61h
R97
Slew Rate Mode Selection
Section 9.3.21
62h
R98
Output Slew Rate Select LSB for CLK7 through CLK12
Section 9.3.22
63h
R99
Output Slew Rate Select LSB for CLK0 through CLK6
Section 9.3.23
Complex bit access types are encoded to fit into small table cells. Table 9-55 shows the codes that are used for
access types in this section.
Table 9-55. LMKDB1113 Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
WMC
W
Write
WSC
W
Write
Reset or Default Value
-n
Value after reset or the default
value
9.3.1 R0 Register (Offset = 0h) [Reset = CFh]
R0 is shown in Table 9-56.
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
www.ti.com
70
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com