Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 57 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 57 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 53Page - Texas Instruments LMKDB1120FS Datasheet HTML 54Page - Texas Instruments LMKDB1120FS Datasheet HTML 55Page - Texas Instruments LMKDB1120FS Datasheet HTML 56Page - Texas Instruments LMKDB1120FS Datasheet HTML 57Page - Texas Instruments LMKDB1120FS Datasheet HTML 58Page - Texas Instruments LMKDB1120FS Datasheet HTML 59Page - Texas Instruments LMKDB1120FS Datasheet HTML 60Page - Texas Instruments LMKDB1120FS Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 133 page
background image
Table 9-25. R92 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:4
SLEWRATE_OPT_4
R/W
Fh
There are four register assignments each storing a slew rate value
(chosen out of 16 available slew rate values). This register bits relate
to the 4th option. Go to Programmable Output Slew Rate section for
more information.
0h = 0
1h = 1
2h = 2
3h = 3
4h = 4
5h = 5
6h = 6
7h = 7
8h = 8
9h = 9
Ah = 10
Bh = 11
Ch = 12
Dh = 13
Eh = 14
Fh = 15
3:0
SLEWRATE_OPT_3
R/W
6h/Ah
There are four register assignments each storing a slew rate value
(chosen out of 16 available slew rate values). This register bits relate
to the 3rd option. Go to Programmable Output Slew Rate section for
more information.
0h = 0
1h = 1
2h = 2
3h = 3
4h = 4
5h = 5
6h = 6 (Default for LMKDB1120FS)
7h = 7
8h = 8
9h = 9
Ah = 10 (Default for LMKDB1120)
Bh = 11
Ch = 12
Dh = 13
Eh = 14
Fh = 15
9.1.24 R98 Register (Offset = 62h) [Reset = 00h]
R98 is shown in Table 9-26.
Return to the Summary Table.
Table 9-26. R98 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
SLEWRATE_SEL_CLK7_
LSB
R/W
0h
LSB CLK7 slew rate select
6
SLEWRATE_SEL_CLK6_
LSB
R/W
0h
LSB CLK6 slew rate select
5
SLEWRATE_SEL_CLK5_
LSB
R/W
0h
LSB CLK5 slew rate select
4
SLEWRATE_SEL_CLK4_
LSB
R/W
0h
LSB CLK4 slew rate select
3
SLEWRATE_SEL_CLK3_
LSB
R/W
0h
LSB CLK3 slew rate select
www.ti.com
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com