Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 76 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 76 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 72Page - Texas Instruments LMKDB1120FS Datasheet HTML 73Page - Texas Instruments LMKDB1120FS Datasheet HTML 74Page - Texas Instruments LMKDB1120FS Datasheet HTML 75Page - Texas Instruments LMKDB1120FS Datasheet HTML 76Page - Texas Instruments LMKDB1120FS Datasheet HTML 77Page - Texas Instruments LMKDB1120FS Datasheet HTML 78Page - Texas Instruments LMKDB1120FS Datasheet HTML 79Page - Texas Instruments LMKDB1120FS Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 133 page
background image
Table 9-70. R20 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
3
SLEWRATE_SEL_CLK9_
MSB
R/W
1h
MSB CLK9 slew rate select
2
SLEWRATE_SEL_CLK10
_MSB
R/W
1h
MSB CLK10 slew rate select
1
SLEWRATE_SEL_CLK11
_MSB
R/W
1h
MSB CLK11 slew rate select
0
SLEWRATE_SEL_CLK12
_MSB
R/W
1h
MSB CLK12 slew rate select
9.3.16 R21 Register (Offset = 15h) [Reset = 7Fh]
R21 is shown in Table 9-71.
Return to the Summary Table.
Table 9-71. R21 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R
0h
Reserved
6
SLEWRATE_SEL_CLK0_
MSB
R/W
1h
MSB CLK0 slew rate select
5
SLEWRATE_SEL_CLK1_
MSB
R/W
1h
MSB CLK1 slew rate select
4
SLEWRATE_SEL_CLK2_
MSB
R/W
1h
MSB CLK2 slew rate select
3
SLEWRATE_SEL_CLK3_
MSB
R/W
1h
MSB CLK3 slew rate select
2
SLEWRATE_SEL_CLK4_
MSB
R/W
1h
MSB CLK4 slew rate select
1
SLEWRATE_SEL_CLK5_
MSB
R/W
1h
MSB CLK5 slew rate select
0
SLEWRATE_SEL_CLK6_
MSB
R/W
1h
MSB CLK6 slew rate select
9.3.17 R38 Register (Offset = 26h) [Reset = 00h]
R38 is shown in Table 9-72.
Return to the Summary Table.
Table 9-72. R38 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:1
RESERVED
R
0h
Reserved
0
WRITE_LOCK
R/WMC
0h
Non-clearable SMBus Write Lock bit. When written to one, the
SMBus control Risters cannot be written to. This bit can only be
cleared by recycling power
0h = SMBus not locked for writing by this bit. See
WRITE_LOCK_RW1C bit.
1h = SMBus locked for writing
9.3.18 R39 Register (Offset = 27h) [Reset = 00h]
R39 is shown in Table 9-73.
Return to the Summary Table.
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
www.ti.com
76
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com