Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 67 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 67 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 63Page - Texas Instruments LMKDB1120FS Datasheet HTML 64Page - Texas Instruments LMKDB1120FS Datasheet HTML 65Page - Texas Instruments LMKDB1120FS Datasheet HTML 66Page - Texas Instruments LMKDB1120FS Datasheet HTML 67Page - Texas Instruments LMKDB1120FS Datasheet HTML 68Page - Texas Instruments LMKDB1120FS Datasheet HTML 69Page - Texas Instruments LMKDB1120FS Datasheet HTML 70Page - Texas Instruments LMKDB1120FS Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 133 page
background image
Table 9-49. R91 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
3:0
SLEWRATE_OPT_1
R/W
0h
There are four register assignments each storing a slew rate value
(chosen out of the 16 available slew rate values). This register bits
relate to the 1st option. Go to Programmable Output Slew Rate
section for more information.
0h = 0
1h = 1
2h = 2
3h = 3
4h = 4
5h = 5
6h = 6
7h = 7
8h = 8
9h = 9
Ah = 10
Bh = 11
Ch = 12
Dh = 13
Eh = 14
Fh = 15
9.2.20 R92 Register (Offset = 5Ch) [Reset = FAh]
R92 is shown in Table 9-50.
Return to the Summary Table.
Table 9-50. R92 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:4
SLEWRATE_OPT_4
R/W
Fh
There are four register assignments each storing a slew rate value
(chosen out of the 16 available slew rate values). This register bits
relate to the 4th option. Go to Programmable Output Slew Rate
section for more information.
0h = 0
1h = 1
2h = 2
3h = 3
4h = 4
5h = 5
6h = 6
7h = 7
8h = 8
9h = 9
Ah = 10
Bh = 11
Ch = 12
Dh = 13
Eh = 14
Fh = 15
www.ti.com
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com