Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS Datasheet(PDF) 102 Page - Texas Instruments

Part # LMKDB1120FS
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS Datasheet(HTML) 102 Page - Texas Instruments

Back Button LMKDB1120FS Datasheet HTML 98Page - Texas Instruments LMKDB1120FS Datasheet HTML 99Page - Texas Instruments LMKDB1120FS Datasheet HTML 100Page - Texas Instruments LMKDB1120FS Datasheet HTML 101Page - Texas Instruments LMKDB1120FS Datasheet HTML 102Page - Texas Instruments LMKDB1120FS Datasheet HTML 103Page - Texas Instruments LMKDB1120FS Datasheet HTML 104Page - Texas Instruments LMKDB1120FS Datasheet HTML 105Page - Texas Instruments LMKDB1120FS Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 133 page
background image
10.4 Layout
10.4.1 Layout Guidelines
Use a low-inductance ground connection between the device DAP and the PCB.
Match PCB trace impedance with device output impedance (85Ω or 100Ω differential impedance). Eliminate
stubs and reduce discontinuity on the transmission lines.
10.4.2 Layout Example
Figure 10-6. LMKDB1120 and LMKDB1120FS
Layout Example - Top Layer
Figure 10-7. LMKDB1120 and LMKDB1120FS
Layout Example - Bottom Layer
Figure 10-8. LMKDB1108 and LMKDB1108FS
Layout Example - Top Layer
Figure 10-9. LMKDB1108 and LMKDB1108FS
Layout Example - Bottom Layer
Figure 10-10. LMKDB1104 and LMKDB1104FS
Layout Example - Top Layer
Figure 10-11. LMKDB1104 and LMKDB1104FS
Layout Example - Bottom Layer
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
www.ti.com
102
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com